Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 44 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 40Page - Analog Devices LTC2995 Datasheet HTML 41Page - Analog Devices LTC2995 Datasheet HTML 42Page - Analog Devices LTC2995 Datasheet HTML 43Page - Analog Devices LTC2995 Datasheet HTML 44Page - Analog Devices LTC2995 Datasheet HTML 45Page - Analog Devices LTC2995 Datasheet HTML 46Page - Analog Devices LTC2995 Datasheet HTML 47Page - Analog Devices LTC2995 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
LTM2985
44
Rev. 0
For more information www.analog.com
Example: Standard 4-Wire RTD (No Rotation or RSENSE
Sharing)
Standard 4-wire RTD channel assignments follow the
general convention shown in Figure  16. Terminal 1 is
tied to ground, terminals 2 and 3 (Kelvin sensed signal)
tie to CHRTD and CHRTD-1 and the 4th terminal ties to the
sense resistor. Channel assignment data (see Table 29) is
mapped to memory locations corresponding to CHRTD.
Sense resistor channel assignments follow the general
convention shown in Figure 17. The sense resistor is tied
between CHRSENSE and CHRSENSE-1, where CHRSENSE is
tied to the 4th terminal of the RTD. Channel assignment
data (see Table 37) is mapped into a memory location
corresponding to CHRSENSE.
Figure 18 shows a typical temperature measurement sys-
tem using a 4-wire RTD. In this example, a 4-wire RTD’s
APPLICATIONS INFORMATION
Figure 16. 4-Wire RTD Channel Assignment Convention
Figure 17. Sense Resistor Channel Assignment Convention for
4-Wire RTDs
2985 F16
3
4
1
2
CHRTD-1
CHRTD
CHRSENSE
4TH TERMINAL TIES TO SENSE RESISTOR (CHRSENSE)
EXCITATION
CURRENT
FLOW
= CHRTD (2 ≤ RTD ≤ 10)
CHANNEL
ASSIGNMENT
2985 F17
CHRSENSE-1
CHRSENSE
RSENSE
EXCITATION
CURRENT
FLOW
= CHRSENSE (2 ≤ RSENSE ≤ 10)
CHANNEL
ASSIGNMENT
terminalstietoGND,CH4,CH3andCH2.Thesenseresistor
ties to CH2 and CH1. The sense resistor and RTD share
a common connection at CH2. The RTD sensor type and
configuration data are assigned to CH4. 32 bits of binary
configuration data are mapped directly into memory loca-
tions 0x20C to 0x20F (see Table 45). The sense resistor
is assigned to CH2. The user-programmable value of this
resistor is 5000.2Ω. 32 bits of binary configuration data
aremappeddirectlyintomemorylocations0x204to0x207
(see Table 46).
A conversion is initiated on CH4 by writing 10000100 into
the data byte at memory location 0x000. Once the conver-
sion is complete, the INT pin goes HIGH and memory loca-
tion0x000becomes01000100.Theresultingtemperature
in °C can be read from memory locations 0x01C to 0x01F
(corresponding to CH4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com