Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 70 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 66Page - Analog Devices LTC2995 Datasheet HTML 67Page - Analog Devices LTC2995 Datasheet HTML 68Page - Analog Devices LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices LTC2995 Datasheet HTML 72Page - Analog Devices LTC2995 Datasheet HTML 73Page - Analog Devices LTC2995 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
LTM2985
70
Rev. 0
For more information www.analog.com
Table 73. Example Active Analog Temperature Sensor Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 214
MEMORY
ADDRESS 215
MEMORY
ADDRESS 216
MEMORY
ADDRESS 217
(1) Analog Temp
Sensor
Sensor Type
5
11110 1 1 1 1 0
(2) SE/Diff
Single-Ended or
Differential
1
0
0
(3) Not Used
Set to 0
14
00000000000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0
(4) Direct ADC Table
Data Pointer
Start Address = 0
(Start at 0x250)
6
000000
0 0 0 0 0 0
(5) Direct ADC Table
Data Length-1
Data Length-1 = 9
6
001001
0 0 1 0 0 1
Table 72. Example Active Analog Temperature Sensor Temperature Values
BYTE 3
BYTE 4
BYTE 5
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
Temperature 213 212 211 210 29
28
27
26
25
24
23
22
21
20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10
0 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
99.1 0
0
0
0
0
0
0
1
1
0
0
0
1
1
0
0
0
1
1
0
0
1
1
0
135.4 0
0
0
0
0
0
1
0
0
0
0
1
1
1
0
1
1
0
0
1
1
0
0
1
220.3 0
0
0
0
0
0
1
1
0
1
1
1
0
0
0
1
0
0
1
1
0
0
1
1
361.2 0
0
0
0
0
1
0
1
1
0
1
0
0
1
0
0
1
1
0
0
1
1
0
0
522.1 0
0
0
0
1
0
0
0
0
0
1
0
1
0
0
0
0
1
1
0
0
1
1
0
720.3 0
0
0
0
1
0
1
1
0
1
0
0
0
0
0
1
0
0
1
1
0
0
1
1
811.2 0
0
0
0
1
1
0
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
0
0
922.5 0
0
0
0
1
1
1
0
0
1
1
0
1
0
1
0
0
0
0
0
0
0
0
0
1000 0
0
0
0
1
1
1
1
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 71. Example Active Analog Temperature Sensor Voltage Values
BYTE 0
BYTE 1
BYTE 2
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5
B4
B3
B2 B1 B0
mV Sign 210 29
28
27
26
25
24
23
22
21
20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10 2–11 2–12
–50.22 1
1
1
1
1
1
0
0
1
1
0
1
1
1
0
0
0
1
1
1
1
0
1
1
–30.2 1
1
1
1
1
1
1
0
0
0
0
1
1
1
0
0
1
1
0
0
1
1
0
1
–5.3 1
1
1
1
1
1
1
1
1
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
20.33 0
0
0
0
0
0
0
1
0
1
0
0
0
1
0
1
0
1
0
0
1
0
0
0
40.2 0
0
0
0
0
0
1
0
1
0
0
0
0
0
1
1
0
0
1
1
0
0
1
1
55.3 0
0
0
0
0
0
1
1
0
1
1
1
0
1
0
0
1
1
0
0
1
1
0
1
88.3 0
0
0
0
0
1
0
1
1
0
0
0
0
1
0
0
1
1
0
0
1
1
0
1
132.2 0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
188.7 0
0
0
0
1
0
1
1
1
1
0
0
1
0
1
1
0
0
1
1
0
0
1
1
460.4 0
0
0
1
1
1
0
0
1
1
0
0
0
1
1
0
0
1
1
0
0
1
1
0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com