Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 29Page - Analog Devices LTC2995 Datasheet HTML 30Page - Analog Devices LTC2995 Datasheet HTML 31Page - Analog Devices LTC2995 Datasheet HTML 32Page - Analog Devices LTC2995 Datasheet HTML 33Page - Analog Devices LTC2995 Datasheet HTML 34Page - Analog Devices LTC2995 Datasheet HTML 35Page - Analog Devices LTC2995 Datasheet HTML 36Page - Analog Devices LTC2995 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
LTM2985
33
Rev. 0
For more information www.analog.com
RTD MEASUREMENTS
Channel Assignment – RTD
For each RTD tied to the LTM2985, a 32-bit channel as-
signment word is programmed into a memory location
corresponding to the channel the sensor is tied to (see
Table 29).Thiswordincludes(1)RTDtype,(2)senseresis-
torchannelpointer,(3)sensorconfiguration,(4)excitation
current, (5) RTD curve and (6) custom RTD data pointer.
(1) RTD Type
The RTD type is determined by the first five input bits B31
to B27 as shown in Table 30. Linearization coefficients
for RTD types PT-10, PT-50, PT-100, PT-200, PT-500,
PT-1000 and NI-120 with selectable common curves
(
α = 0.003850, α = 0.003911, α = 0.003916 and
α = 0.003926) are built into the device. If custom RTDs
are used, RTD Custom can be selected. In this case, user
specific data can be stored in the on-chip RAM starting
at the address defined by the custom RTD data pointers.
(2) Sense Resistor Channel Pointer
RTD measurements are performed ratiometrically relative
to a known RSENSE resistor. The sense resistor channel
pointer field indicates the differential channel the sense
resistor is tied to for the RTD (see Table 31). Sense resis-
tors are always measured differentially.
APPLICATIONS INFORMATION
(3) Sensor Configuration
The sensor configuration field is used to define various
RTDproperties.ConfigurationbitsB20andB21determine
if the RTD is a 2-, 3-, or 4-wire type (see Table 32).
The simplest configuration is the 2-wire configuration.
While this setup is simple, parasitic errors due to IR drops
in the leads result in systematic temperature errors. The
3-wire configuration cancels RTD lead resistance errors
(if the lines are equal resistance) by applying two matched
current sources to the RTD, one per lead. Mismatches in
the two current sources are removed through transparent
background calibration. 4-wire RTDs remove unbalanced
RTD lead resistance by measuring directly across the
sensor using a high impedance Kelvin sensing. 4-wire
measurements with Kelvin RSENSE are useful in applica-
tions where sense resistor wiring parasitics can lead to
errors; this is especially useful for low resistance PT-10
type RTDs. In this case, both the RTD and sense resistor
have Kelvin sensing connections.
The next sensor configuration bits (B18 and B19) deter-
mine the excitation current mode. These bits are used to
enable RSENSE sharing, where one sense resistor is used
for multiple 2-, 3- and/or 4-wire RTDs. In this case, the
RTD ground connection is internal and each RTD points
to the same RSENSE channel.
Bits B18 and B19 are also used to enable excitation current
rotation to automatically remove parasitic thermocouple
effects. Parasitic thermocouple effects may arise from the
physical connected between the RTD and the measure-
ment instrument. This mode is available for all 4-wire
configurations using internal current source excitation.
Table 29. RTD Channel Assignment Word
(1) RTD TYPE
(2) SENSE RESISTOR
CHANNEL POINTER
(3) SENSOR
CONFIGURATION
(4) EXCITATION
CURRENT
(5) RTD
CURVE
(6) CUSTOM RTD DATA POINTER
TABLE 30
TABLE 31
TABLE 32
TABLE 33
TABLE 34
TABLES 92 TO 94
Measurement Class 31 30 29 28 27 26 25 24 23 22 21 20 19
18
17 16 15 14 13
12 11 10 9 8 7 6 5 4 3 2 1 0
RTD
Type = 10 to 18
RSENSE Channel
Assignment [4:0]
2, 3, 4
Wire
Excitation
Mode
Excitation
Current [3:0]
Curve
[1:0]
Custom Address
[5:0]
Custom Length-1
[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com