Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 62 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 62 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 58Page - Analog Devices LTC2995 Datasheet HTML 59Page - Analog Devices LTC2995 Datasheet HTML 60Page - Analog Devices LTC2995 Datasheet HTML 61Page - Analog Devices LTC2995 Datasheet HTML 62Page - Analog Devices LTC2995 Datasheet HTML 63Page - Analog Devices LTC2995 Datasheet HTML 64Page - Analog Devices LTC2995 Datasheet HTML 65Page - Analog Devices LTC2995 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
LTM2985
62
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 36. Thermocouple with Protection Resistors
2985 F36
CH1
COM
2k
2k
ERROR = 4V
+
–
1nA (MAX)
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
Input Overvoltage Protection – Thermocouples
Thermocouples are low impedance devices that generate
voltage as a function of temperature differences. Since
the LTM2985 input impedance is very high (input leak-
age < 1nA) external overvoltage protection resistors have
minimaleffectonthetemperaturemeasurementaccuracy.
For example, a 2kΩ protection resistor results in a worst-
case error of 4µV (see Figure 36). This corresponds to a
0.1°C error for a Type K thermocouple at 25°C.
In addition to the protection resistors, 100pF capacitors
should be added to each input for anti-alias filtering; these
are not shown in the following schematics for simplicity.
Figure 34. Maximum Fault Voltage vs Minimum
Protection Resistance
Figure 35. Maximum Fault Voltage vs Minimum
Protection Resistor Power Rating
MAXIMUM FAULT VOLTAGE (V)
0
40
80
120
160
200
0
1.3
2.7
4.0
5.3
6.7
8.0
9.3
10.7
12.0
13.3
vs Minimum Protection Resistance
2985 F34
MAXIMUM FAULT VOLTAGE (V)
0
40
80
120
160
200
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Power Rating
2985 F35
Input Overvoltage Protection – RTDs
RTDs are resistive devices that require excitation current
in order to determine their temperature. The excitation is
applied to the series network consisting of the RTD and
a sense resistor in order to make a ratiometric measure-
ment. Overvoltage protection is implemented by placing
a resistor between each RTD terminal and the LTM2985
input channels.
4-Wire RTDs
ThesimplestRTDconfigurationtoprotectisthe4-wireRTD.
A protection resistor is tied to each of the 4 RTD terminals
(seeFigure 37).Excitationcurrentflowsthroughthesense
resistor (RSENSE), the RTD and protection resistors RP1
and RP4. The LTM2985 measures the voltage drop across
the RTD using CH3 and CH4 through protection resistors
RP2 and RP3. Since the excitation current does not flow
through RP2 and RP3, errors due to the protection resis-
tance are negligible. Measurement errors are dominated
by input leakage current (I < 1nA). For example, errors
due to leakage current for a PT-100 RTD with 1kΩ sense
resistor and 1kΩ protection resistors are below 0.025°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com