Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 90 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 90 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 82Page - Analog Devices LTC2995 Datasheet HTML 83Page - Analog Devices LTC2995 Datasheet HTML 84Page - Analog Devices LTC2995 Datasheet HTML 85Page - Analog Devices LTC2995 Datasheet HTML 86Page - Analog Devices LTC2995 Datasheet HTML 87Page - Analog Devices LTC2995 Datasheet HTML 88Page - Analog Devices LTC2995 Datasheet HTML 89Page - Analog Devices LTC2995 Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 90 page
background image
LTM2985
90
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
www.analog.com
10/21
TYPICAL APPLICATION
Universal Inputs Allow Common Hardware Sharing for Thermocouples, Diodes,
Thermistors, 3-Wire RTDs and 4-Wire RTDs
S5
R9, R10, S6, S8
29861 TA02
LTM2985
RP6
2985 TA02
CH3
CH2
CH1
CH4
CH5
CH8
CH9
CH10
CH7
CH6
RP2
RP3
RP8
RP5
RSENSE
RP4
RP1
RP7
CS
SDI
SDO
SCK
SPI INTERFACE
COLD JUNCTION
RTD OR
THERMISTOR OR
DIODE OR
ANALOG TEMP
2
1
2
3
1
3
4
2
1
THER-
MOCOUPLE
THER-
MISTOR
2-WIRE
RTD
3-WIRE
RTD
4-WIRE
RTD
UNIVERSAL PROTECTED MULTI-SENSOR INPUT
R6
R5
R4
R7
T4
T5
T6
T7
S7
S4
GND2
COM
GND
SDOE
A10–A11, B10–B11
A9, B4–B7, B9, C1–C11
A8, B8
A7
A5
A4
A2
A3
A6
4.5V TO 5.5V
VCC
VL
ON
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2986
Multi-Sensor High Accuracy Digital
Temperature Measurement System
without EEPROM
Non-Isolated 10-channel. Software Compatible with LTM2985
LTC2986-1
Multi-Sensor High Accuracy Digital
Temperature Measurement System with
EEPROM
Non-Isolated 10-channel. Software Compatible with LTM2985
LTC2983
Multi-Sensor High Accuracy Digital
Temperature Measurement System
Pin/Software Compatible 20-Channel Version of LTC2986
LTC2984
Multi-Sensor High Accuracy Digital
Temperature Measurement System with
EEPROM
Pin/Software Compatible 20-Channel Version of LTC2986-1
LTC2990
Quad I2C Temperature, Voltage and
Current Monitor
Remote and Internal Temperatures, 14-Bit Voltages and Current, Internal 10ppm/°C
Reference
LTC2991
Octal I2C Voltage, Current, Temperature
Monitor
Remote and Internal Temperatures, 14-Bit Voltages and Current, Internal 10ppm/°C
Reference
LTC2995
Temperature Sensor and Voltage
Monitor with Alert Outputs
Monitors Temperature and Two Voltages, Adjustable Thresholds, Open-Drain Alert Outputs,
Temperature to Voltage Output with Integrated 1.8V Reference, ±1°C (Max) Accuracy
LTC2996
Temperature Sensor with Alert Outputs
Monitors Temperature, Adjustable Thresholds, Open-Drain Alert Outputs, Temperature to
Voltage Output with Integrated 1.8V Reference, ±1°C (Max) Accuracy
LTC2997
Remote/Internal Temperature Sensor
Temperature to Voltage Output with Integrated 1.8V Reference, ±1°C (Max) Accuracy
LTC2943
20V I2C Coulomb Counter
Monitors Charge, Current, Voltage and Temperature with 1% Accuracy. Works with Any
Battery Chemistry and Capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com