Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 14Page - Analog Devices LTC2995 Datasheet HTML 15Page - Analog Devices LTC2995 Datasheet HTML 16Page - Analog Devices LTC2995 Datasheet HTML 17Page - Analog Devices LTC2995 Datasheet HTML 18Page - Analog Devices LTC2995 Datasheet HTML 19Page - Analog Devices LTC2995 Datasheet HTML 20Page - Analog Devices LTC2995 Datasheet HTML 21Page - Analog Devices LTC2995 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
LTM2985
18
Rev. 0
For more information www.analog.com
The LTM2985 combines high accuracy with ease of use.
The basic operation is simple and is composed of five
states (see Figure 3).
APPLICATIONS INFORMATION
Figure 3. Basic Operation
2985 F03
POWER-UP,
SLEEP
(OPTIONAL)
≈ 200ms(MAX)
NO
YES
START-UP
CHANNEL ASSIGNMENT
INITIATE CONVERSION
CONVERSION
READ RESULTS
STATUS CHECK
COMPLETE?
Conversion States Overview
1. Start-Up. After power is applied to the LTM2985
(VCC2 > 2.6V),thereisa200mswakeupperiod.During
this time, the LDO, charge pump, ADCs and reference
arepoweredupandtheinternalRAMisinitialized.Once
start-up is complete, the INT pin goes HIGH and the
command status register will return a value of 0x40
(Start bit = 0, Done bit = 1) when read.
2. Channel Assignment. The device automatically enters
thechannelassignmentstateafterstart-upiscomplete.
While in this state, the user writes sensor specific data
for each input channel into RAM. The user can also load
it from the EEPROM (see the EEPROM section for more
details). The assignment data contains information
aboutthesensortype,pointerstocoldjunctionsensors
or sense resistors and sensor specific parameters.
3. InitiateConversion.Aconversionisinitiatedbywriting
a measurement command into RAM memory location
0x000. This command is a pointer to the channel in
which the conversion will be performed.
4. Conversion. A new conversion begins automatically
followinganInitiateConversioncommand.Inthisstate,
the ADC is running a conversion on the specified chan-
nel and associated cold junction or RSENSE channel (if
applicable). The user is locked out of RAM access while
in the state (except for reading status location 0x000).
The end of conversion is indicated by both the INT pin
going HIGH and a status register START bit going LOW
and DONE bit going HIGH.
5. Read Results. In this state, the user has access to
RAM and can read the completed conversion results
and fault status bits. It is also possible for the user to
modify/append the channel assignment data during the
read results state.
Conversion State Details
State 1: Start-Up
The start-up state automatically occurs when power is ap-
pliedtotheLTM2985.Ifthepowerdropsbelowathreshold
of ≈2.6V and then returns to the normal operating voltage
(2.85V to 5.25V), the LTM2985 resets and enters the
power-up state. Note that the LTM2985 also enters the
start-up state at the conclusion of the sleep state.
In the first phase of the start-up state all critical analog
circuits are powered up. This includes the LDO, reference,
charge pump and ADCs. During this first phase, the com-
mand status register will be inaccessible to the user. This
phase takes a maximum of 100ms to complete. Once this
phase completes, the command status register will be
accessible and return a value of 0x80 until the LTM2985
is completely initialized. Once the LTM2985 is initialized
and ready to use, the INT pin will go high and the com-
mand status register will return a read value of 0x40 (Start
bit = 0, Done bit = 1). At this point the LTM2985 is fully
initialized and is ready to perform a conversion.
State 2: Channel Assignment
The LTM2985 RAM can be programmed with up to 10 sets
of 32-bit (4-byte) channel assignment data. These reside
sequentially in RAM with a one-to-one correspondence
to each of the 10 analog input channels (see Table 3).
Channels that are not used should have their channel
assignment data set to all zeros (default at START-UP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com