Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 10Page - Analog Devices LTC2995 Datasheet HTML 11Page - Analog Devices LTC2995 Datasheet HTML 12Page - Analog Devices LTC2995 Datasheet HTML 13Page - Analog Devices LTC2995 Datasheet HTML 14Page - Analog Devices LTC2995 Datasheet HTML 15Page - Analog Devices LTC2995 Datasheet HTML 16Page - Analog Devices LTC2995 Datasheet HTML 17Page - Analog Devices LTC2995 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
LTM2985
14
Rev. 0
For more information www.analog.com
OVERVIEW
The LTM2985 measures the temperature of the most
common sensors (thermocouples, RTDs, thermistors,
activeanalogtemperaturesensorsanddiodes).Itincludes
all necessary active circuitry, switches, measurement
algorithms and mathematical conversions to determine
the temperature for each sensor type.
Thermocouples can measure temperatures from as low as
–265°Ctoover1800°C.Thermocouplesgenerateavoltage
as a function of the temperature difference between the tip
(thermocouple temperature) and the electrical connection
on the circuit board (cold junction temperature). In order
to determine the thermocouple temperature, an accurate
measurement of the cold junction temperature is required;
this is known as cold junction compensation. The cold
junction temperature is usually determined by placing a
separate (non-thermocouple) temperature sensor at the
cold junction. The LTM2985 allows diodes, active analog
temperature sensors, RTDs and thermistors to be used
as cold junction sensors. In order to convert the voltage
output from the thermocouple into a temperature result,
a high order polynomial equation (up to 14th order) must
be solved. The LTM2985 has these polynomials built in
for virtually all standard thermocouples (J, K, N, E, R,
S, T and B). Additionally, inverse polynomials must be
solved for the cold junction temperature. The LTM2985
simultaneously measures the thermocouple output and
the cold junction temperature and performs all required
calculations to report the thermocouple temperature in °C
or °F. It directly digitizes both positive and negative volt-
ages (down to 50mV below ground) from a single ground
referencedsupply,includessensorburn-outdetectionand
allowsexternalprotection/anti-aliasingcircuitswithoutthe
need of buffer circuits.
Diodes are convenient low cost sensor elements and
are often used to measure cold junction temperatures in
thermocouple applications. Diodes are typically used to
measure temperatures from –60°C to 130°C, which is
suitable for most cold junction applications. Diodes gen-
erate an output voltage that is a function of temperature
and excitation current. When the difference of two diode
outputvoltagesaretakenattwodifferentexcitationcurrent
levels, the result (∆VBE) is proportional to temperature.
The LTM2985 accurately generates excitation currents,
measures the diode voltages and calculates the tempera-
ture in °C or °F.
RTDs and thermistors are resistors that change value as a
function of temperature. RTDs can measure temperatures
over a wide temperature range, from as low as –200°C to
850°C while thermistors typically operate from –40°C to
150°C.Inordertomeasureoneofthesedevicesaprecision
senseresistoristiedinserieswiththesensor.Anexcitation
current is applied to the network and a ratiometric mea-
surement is made. The value, in Ω, of the RTD/thermistor
can be determined from this ratio. This resistance is used
to determine the temperature of the sensor element using
a table lookup (RTDs) or solving Steinhart-Hart equations
(thermistors). The LTM2985 automatically generates the
excitation current, simultaneously measures the sense
resistorandthermistor/RTDvoltage,calculatesthesensor
resistance and reports the result in °C. The LTM2985 can
digitize most RTD types (PT-10, PT-50, PT-100, PT-200,
PT-500, PT-1000 and NI-120), has built in coefficients
for many curves (American, European, Japanese and
ITS-90) and accommodates 2-wire, 3-wire and 4-wire
configurations. It also includes coefficients for calculat-
ing the temperature of standard 2.252k, 3k, 5k, 10k and
30k thermistors. It can be configured to share one sense
resistor among multiple RTDs/thermistors and to rotate
excitation current sources to remove parasitic thermal
effects. In addition to built-in linearization coefficients,
the LTM2985 provides the means of inserting custom
coefficients for both RTDs and thermistors.
The LTM2985 includes the capability to measure active
analog output temperature sensors. These sensors output
voltage as a function of temperature. The relationship
between voltage and temperature can be stored in the
LTM2985. These sensors can be used as a stand alone
temperature sensor or as the cold junction compensation
for thermocouple measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com