Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 12Page - Analog Devices LTC2995 Datasheet HTML 13Page - Analog Devices LTC2995 Datasheet HTML 14Page - Analog Devices LTC2995 Datasheet HTML 15Page - Analog Devices LTC2995 Datasheet HTML 16Page - Analog Devices LTC2995 Datasheet HTML 17Page - Analog Devices LTC2995 Datasheet HTML 18Page - Analog Devices LTC2995 Datasheet HTML 19Page - Analog Devices LTC2995 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
LTM2985
16
Rev. 0
For more information www.analog.com
Table 2A. Memory Map
LTM2985 MEMORY MAP
SEGMENT
START
ADDRESS
END
ADDRESS
SIZE
(BYTES)
DESCRIPTION
Command Status Register
0x000
0x0000
1
See Table 6 and Table 12, Initiate Conversion, Sleep
Command, EEPROM Command
Reserved
0x001
0x000F
15
Temperature Result Memory
10 Words – 40 Bytes
0x010
0x037
40
See Tables 8 to 10, Read Result
Reserved
0x038
0x0AF
120
EEPROM Key
0x0B0
0x0B3
4
See Table 11
Reserved
0x0B4
0x0CF
44
EEPROM Read Result Code
0x0D0
0x0D0
1
See Table 11
Reserved
0x0D1
0x0EF
15
Global Configuration Register
0x0F0
0x0F0
1
See Table 67 for Global Configuration
Reserved
0x0F1
0x0F3
3
Measure Multiple Channels Bit Mask
0x0F4
0x0F7
4
See Tables 84, 85, Run Multiple Conversions
Reserved
0x0F8
0x0F8
1
EEPROM Status Register
0x0F9
0x0F9
1
See Table 13
Reserved
0x0FA
0x0FE
5
MUX Configuration Delay
0x0FF
0x0FF
1
See MUX Configuration Delay Section of Data Sheet
Reserved
0x100
0x1FF
256
Channel Assignment Data
0x200
0x227
40
See Table 3 and Table 4, Channel Assignment
Reserved
0x228
0x24F
40
Custom Sensor Table Data
0x250
0x3CF
384
Reserved
0x3D0
0x3FF
48
OVERVIEW
Memory Map
TheLTM2985channelassignment,configuration,conver-
sion start and results are all accessible via the RAM (see
Table 2A). Table 2B details the valid SPI instruction bytes
foraccessingmemory.Thechannelconversionresultsare
mappedintomemorylocations0x010to0x037andcanbe
read using the SPI interface as shown in Figure 1. A read is
initiated by sending the read instruction byte = 0x03
followed by the address and then data. Channel assign-
ment data resides in memory locations 0x200 to 0x227
and can be programmed via the SPI interface as shown in
Figure 2. A write is initiated by sending the write instruc-
tion byte = 0x02 followed by the address and then data.
Conversionsareinitiatedbywritingtheconversioncontrol
byte (see Table 6) into memory location 0x000 (command
status register).
Table 2B. SPI Instruction Byte
INSTRUCTION
SPI INSTRUCTION BYTE
DESCRIPTION
Read
0b00000011
See Figure 1
Write
0b00000010
See Figure 2
Invalid
0bxxxxxx0x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com