Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 48 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 48 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 44Page - Analog Devices LTC2995 Datasheet HTML 45Page - Analog Devices LTC2995 Datasheet HTML 46Page - Analog Devices LTC2995 Datasheet HTML 47Page - Analog Devices LTC2995 Datasheet HTML 48Page - Analog Devices LTC2995 Datasheet HTML 49Page - Analog Devices LTC2995 Datasheet HTML 50Page - Analog Devices LTC2995 Datasheet HTML 51Page - Analog Devices LTC2995 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
LTM2985
48
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Example: Multiple 4-Wire RTDs with Shared RSENSE
Figure  22 shows a typical temperature measurement
system using two 4-wire RTDs with a shared RSENSE.
The LTM2985 can support up to two 4-wire RTDs with
a single sense resistor. In this example, the first 4-wire
RTD’s terminals tie to CH5, CH4, CH3 and CH2 and the
2nd ties to CH8, CH7, CH6 and CH2. The sense resistor
ties to CH1 and CH2. The sense resistor and both RTDs
connecttogetheratCH2.Thischannelassignmentconven-
tion is identical to that of the rotating RTD. This topology
supports both rotated and non-rotated RTD excitations.
Channel assignment data for each sensor is shown in
Table 49 to Table 51.
A conversion is initiated on CH4 by writing 10000100
into memory location 0x000. Once the conversion is
complete, the INT pin goes HIGH and memory location
0x000 becomes 01000100. The resulting temperature in
°C can be read from memory locations 0x01C to 0x01F
(corresponding to CH4). A conversion can be initiated and
read from CH7 in a similar fashion.
Table 49. Channel Assignment Data for 4-Wire RTD #1 (PT-100, RSENSE on CH2, 4-Wire, Shared RSENSE, Rotated 100µA Excitation
Current,
α = 0.003926 Curve)
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x20C
MEMORY
ADDRESS 0x20D
MEMORY
ADDRESS 0x20E
MEMORY
ADDRESS 0x20F
(1) RTD TYPE
PT-100
5
01100 0 1 1 0 0
(2) Sense
Resistor Channel
Pointer
CH2
5
00010
0 0 0 1 0
(3) Sensor
Configuration
4-Wire
Rotated
4
1010
1 0 1 0
(4) Excitation
Current
100µA
4
0101
0 1 0 1
(5) Curve
ITS-90,
α = 0.003926
2
11
1 1
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Figure 22. Shared RSENSE 4-Wire RTD Example
RSENSE
10k
0.01µF
2985 F22
0.01µF
SENSE RESISTOR ASSIGNED TO CH2 (CHRSENSE=2)
RTD #1 ASSIGNED TO CH4 (CHRTD=4)
CH2
CH1
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x204 TO 0x207
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x20C TO 0x20F
RESULT MEMORY LOCATIONS 0x01C TO 0x01F
0.01µF
CH3
CH4
CH5
CH6
CH7
CH8
RTD #2 ASSIGNED TO CH7 (CHRTD=7)
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x218 TO 0x21B
RESULT MEMORY LOCATIONS 0x028 TO 0x02B
4-WIRE PT-100
0.01µF
0.01µF
3
4
2
1
0.01µF
4-WIRE PT-500
0.01µF
0.01µF
3
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com