Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 68 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 68 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 64Page - Analog Devices LTC2995 Datasheet HTML 65Page - Analog Devices LTC2995 Datasheet HTML 66Page - Analog Devices LTC2995 Datasheet HTML 67Page - Analog Devices LTC2995 Datasheet HTML 68Page - Analog Devices LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices LTC2995 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
LTM2985
68
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The error status byte is located in the upper byte of the
data output word. Table  68 shows format of the error
status byte for the analog sensor type. Bit D31 and D30
indicate a bad ADC reading. This can be a result of either
a broken (open) sensor or an excessive noise event (ESD
or static discharge into the sensor path). Either of these
are a hard error and –999°C or °F is reported. In the case
of an excessive noise event, the device should recover and
the following conversions will be valid if the noise event
was a random, infrequent event. Bits D27 and D26 indicate
over or under temperature limits have been exceeded the
table limits as described in Table 68. Bit D25 indicates
the absolute voltage measured by the ADC is beyond its
normal operating range.
Example: Differential Active Analog
Temperature Sensor
In this example, a simplified temperature curve is imple-
mented (see Figure 54). Points P1 to P9 represent the
normaloperatingrangeofthecustomdevice.Voltageread-
ings above point P9 result in a soft fault and the reported
result is a linear extrapolation using a slope determined
by points P8 and P9 (the final two table entries). Voltage
readings below point P1 are also reported as soft faults.
The reported result is the extrapolation between point P1
and P0, where P0 is typically the lowest possible sensor
output voltage. Sensor output voltages below P0 (in mV)
will report P0 output.
In order to program the LTM2985 with an active analog
temperature sensor table, both the mV data and the Kelvin
data are converted to 24-bit binary values (represented as
two, 3-byte table entries, see Table 69). Since some analog
sensors generate negative output voltages, the table mV
valuesare2’scompliment.Thesensoroutputvoltage(units
= mV) follows the convention shown in Table 71, where
the first bit is the sign, the next 11 bits are the integer part
and the remaining 12 bits are the fractional part.
Table 68. Active Analog Temperature Sensor Fault Data Byte
BIT
FAULT
ERROR TYPE
DESCRIPTION
OUTPUT RESULT
D31
Hard Fault
Hard
VADC < –1.75 • VREF/2 or VADC > 1.75 • VREF/2
–999
D30
Range Hard Fault
Hard
VADC < –1.75 • VREF/2 or VADC > 1.75 • VREF/2
–999
D29
Not Used
N/A
NA
NA
D28
Not Used
N/A
NA
NA
D27
Soft Above
Soft
VADC > Last Table Point Voltage
Suspect Reading
D26
Soft Below
Soft
VADC < Second Table Point (P1) Voltage
Suspect Reading
D25
Soft Range
Soft
VADC < –1.125 • VREF/2 or VADC > 1.125 • VREF/2
Suspect Reading
D24
Result Valid (Always 1)
NA
NA
NA
Active Analog Temperature Sensor Table Format
Table 69. Active Analog Temperature Sensor Table Format
ADDRESS
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
0x250 + 6 • Start Address
Table Entry #1 (mV)
Table Entry #1 (Kelvin)
0x250 + 6 • Start Address + 6
Table Entry #2 (mV)
Table Entry #2 (Kelvin)
0x250 + 6 • Start Address + 12
Table Entry #3 (mV)
Table Entry #3 (Kelvin)
•
•
•
•
•
•
•
•
•
Max Address = 0x3CA
Table Entry #64 (mV)
Table Entry #64 (Kelvin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com