Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 87 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 87 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 82Page - Analog Devices LTC2995 Datasheet HTML 83Page - Analog Devices LTC2995 Datasheet HTML 84Page - Analog Devices LTC2995 Datasheet HTML 85Page - Analog Devices LTC2995 Datasheet HTML 86Page - Analog Devices LTC2995 Datasheet HTML 87Page - Analog Devices LTC2995 Datasheet HTML 88Page - Analog Devices LTC2995 Datasheet HTML 89Page - Analog Devices LTC2995 Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
LTM2985
87
Rev. 0
For more information www.analog.com
CUSTOM THERMISTORS
In addition to custom table driven thermistors, it is also
possible to directly input Steinhart-Hart coefficients into
the LTM2985 (thermistor Type 11010, see Table  55).
Steinhart-Hart coefficients are commonly specified
parameters provided by thermistor manufacturers. The
Steinhart-Hart equation is:
1
T
= A +B • ln(R)+C • ln(R)2 +D •ln(R)3 +E • ln(R)4
+F •ln(R)5
Steinhart-Hart data is stored sequentially in any memory
location greater than or equal to 0x250 and below 0x3CF.
Each coefficient is represented by a standard, single-
precision, IEEE754 32-bit value (see Table 100).
Example Custom Steinhart-Hart Thermistor
In this example a Steinhart-Hart equation is entered into
memory starting at location 0x2C8 (see Table 101).
Table 100. Steinhart-Hart Custom Thermistor Data Format
ADDRESS
COEFFICIENT
VALUE
0x250 + 6 • Start Address
A
32-Bit Single-Precision Floating Point Format
0x250 + 6 • Start Address + 4
B
32-Bit Single-Precision Floating Point Format
0x250 + 6 • Start Address + 8
C
32-Bit Single-Precision Floating Point Format
0x250 + 6 • Start Address + 12
D
32-Bit Single-Precision Floating Point Format
0x250 + 6 • Start Address + 16
E
32-Bit Single-Precision Floating Point Format
0x250 + 6 • Start Address + 20
F
32-Bit Single-Precision Floating Point Format
Table 101. Custom Steinhart-Hart Data Example
COEFFICIENT VALUE
START
ADDRESS SIGN
EXPONENT
MANTISSA
MSB
LSB MSB
LSB
A
1.45E-03 0x2C8
0
0 1 1 1 0 1 0 1
0
1 1 1 1 1 0 0 0 0 0 1 1 0 1 1 1 1 0 1 1 0 1
B
2.68E-04 0x2CC
0
0 1 1 1 0 0 1 1
0
0 0 1 1 0 0 1 0 0 0 0 0 1 0 0 1 0 1 1 0 1 0
C
0
0x2D0
0
0 0 0 0 0 0 0 0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
D
1.64E-07 0x2D4
0
0 1 1 0 1 0 0 0
0
1 1 0 0 0 0 0 0 0 1 0 1 1 1 1 1 1 1 1 0 1 0
E
0
0x2D8
0
0 0 0 0 0 0 0 0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
F
0
0x2DC
0
0 0 0 0 0 0 0 0
0
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com