Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 36 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 32Page - Analog Devices LTC2995 Datasheet HTML 33Page - Analog Devices LTC2995 Datasheet HTML 34Page - Analog Devices LTC2995 Datasheet HTML 35Page - Analog Devices LTC2995 Datasheet HTML 36Page - Analog Devices LTC2995 Datasheet HTML 37Page - Analog Devices LTC2995 Datasheet HTML 38Page - Analog Devices LTC2995 Datasheet HTML 39Page - Analog Devices LTC2995 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
LTM2985
36
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
(4) Excitation Current
The next field in the channel assignment word (B17 to
B14) controls the magnitude of the excitation current
applied to the RTD (see Table 33). The current selected
is the total current flowing through the RTD independent
of the wiring configuration. The RSENSE current is 2x the
sensor excitation current for 3-wire RTDs.
Table 33. Total Excitation Current for All RTD Wire Types
(4) EXCITATION CURRENT
B17
B16
B15
B14
CURRENT
0
0
0
0
External
0
0
0
1
5µA
0
0
1
0
10µA
0
0
1
1
25µA
0
1
0
0
50µA
0
1
0
1
100µA
0
1
1
0
250µA
0
1
1
1
500µA
1
0
0
0
1mA
Table 34. RTD Curves: RT = R0 • (1 + a • T + b • T2 + (T – 100°C) • c • T3) for T < 0°C, RT = R0 • (1 + a • T + b • T2) for T > 0°C
(5) CURVE
B13
B12
CURVE
ALPHA
a
b
c
0
0
European Curve
0.00385
3.908300E-03
–5.775000E-07
–4.183000E-12
0
1
American
0.003911
3.969200E-03
–5.849500E-07
–4.232500E-12
1
0
Japanese
0.003916
3.973900E-03
–5.870000E-07
–4.400000E-12
1
1
ITS-90
0.003926
3.984800E-03
–5.870000E-07
–4.000000E-12
X
X
RTD1000-375
0.00375
3.810200E-03
–6.018880E-07
–6.000000E-12
X
X
*NI-120
N/A
N/A
N/A
N/A
*NI-120 uses table based data.
In order to prevent soft or hard faults, select a current
such that the maximum voltage drop across the sensor or
sense resistor is nominally 1.0V. For example, if RSENSE
is 10kΩ and the RTD is a PT-100, select an excitation
current of 100µA for 2-wire and 4-wire RTDs and select
50µA for a 3-wire RTD. Alternatively, using a 1kΩ sense
resistor with a PT-100 RTD allows 500µA excitation for
any wiring configuration.
(5) RTD Curve
Bits B13 and B12 set the RTD curve used and the cor-
responding Callendar-Van Dusen constants (shown in
Table 34).
(6) Custom RTD Data Pointer
In the case where an RTD not listed in Table 34 is used,
a custom RTD table may be entered into the LTM2985.
See Custom RTD section near the end of this data sheet
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com