Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 41 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 37Page - Analog Devices LTC2995 Datasheet HTML 38Page - Analog Devices LTC2995 Datasheet HTML 39Page - Analog Devices LTC2995 Datasheet HTML 40Page - Analog Devices LTC2995 Datasheet HTML 41Page - Analog Devices LTC2995 Datasheet HTML 42Page - Analog Devices LTC2995 Datasheet HTML 43Page - Analog Devices LTC2995 Datasheet HTML 44Page - Analog Devices LTC2995 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
LTM2985
41
Rev. 0
For more information www.analog.com
Example: 3-Wire RTD
3-wire RTD channel assignments follow the general con-
vention shown in Figure 13. Terminals 1 and 2 tie to the
input/excitation current sources and terminal 3 connects
to the sense resistor. Channel assignment data is mapped
to memory locations corresponding to CHRTD.
Sense resistor channel assignments follow the general
convention shown in Figure 14. The sense resistor is tied
between CHRSENSE and CHRSENSE-1, where CHRSENSE is
tied to the 3rd terminal of the RTD and CHRSENSE-1 is tied
to ground (or left floating for RSENSE sharing). Channel
assignmentdata(seeTable 37)ismappedintothememory
location corresponding to CHRSENSE.
Figure 15 shows a typical temperature measurement sys-
tem using a 3-wire RTD. In this example, a 3-wire RTD’s
terminals tie to CH9, CH8 and CH7. The sense resistor
ties to CH7 and CH6. The sense resistor and RTD connect
together at CH7.
The 3-wire RTD reduces the errors associated with para-
sitic lead resistance by applying excitation current to each
RTD input. This first order cancellation removes matched
lead resistance errors. This cancellation does not remove
errors due to thermocouple effects or mismatched lead
resistances. The RTD sensor type and configuration data
are assigned to CH9. 32 bits of binary configuration data
aremappeddirectlyintomemorylocations0x220to0x223
(see Table 43). The sense resistor is assigned to CH7. The
user-programmable value of this resistor is 12150.39Ω.
32 bits of binary configuration data are mapped directly
into memory locations 0x218 to 0x21B (see Table 44).
A conversion is initiated on CH9 by writing 10001001
into memory location 0x000 . Once the conversion is
complete, the INT pin goes HIGH and memory location
0x000 becomes 01001001. The resulting temperature in
°C can be read from memory locations 0x030 to 0x033
(corresponding to CH9).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com