Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 28Page - Analog Devices LTC2995 Datasheet HTML 29Page - Analog Devices LTC2995 Datasheet HTML 30Page - Analog Devices LTC2995 Datasheet HTML 31Page - Analog Devices LTC2995 Datasheet HTML 32Page - Analog Devices LTC2995 Datasheet HTML 33Page - Analog Devices LTC2995 Datasheet HTML 34Page - Analog Devices LTC2995 Datasheet HTML 35Page - Analog Devices LTC2995 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
LTM2985
32
Rev. 0
For more information www.analog.com
Table 26. Thermocouple #1 Channel Assignment (Type K, Cold Junction CH2, Single-Ended, 10µA Open-Circuit Detect)
CONFIGURATION
FIELD
DESCRIPTION # BITS BINARY DATA
MEMORY
ADDRESS 0x200
MEMORY
ADDRESS 0x201
MEMORY
ADDRESS 0x202
MEMORY
ADDRESS 0x203
(1) Thermocouple
Type
Type K
5
00010 0 0 0 1 0
(2) Cold Junction
Channel Pointer
CH2
5
00010
0 0 0 1 0
(3) Sensor
Configuration
Single-Ended,
10µA Open-Circuit
4
1100
1 1 0 0
Not Used
Set These Bits to 0
6
000000
0 0 0 0 0 0
(4) Custom
Thermocouple
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Table 27. Diode Channel Assignment (Single-Ended 3-Reading, Averaging On, 20µA/80µA Excitation, Ideality Factor = 1.003))
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY DATA
MEMORY
ADDRESS 0x204
MEMORY
ADDRESS 0x205
MEMORY
ADDRESS 0x206
MEMORY
ADDRESS 0x207
(1) Sensor Type
Diode
5
11100 1 1 1 0 0
(2) Sensor
Configuration
Single-Ended,
3-Reading,
Average On
3
111
1 1 1
(3) Excitation
Current
20µA, 80µA,
160µA
2
01
0 1
(4) Ideality Factor
1.003
22
0100000000110001001001
0 1 0 0 0 0 0 0 0 0 1 1 0 0 0 1 0 0 1 0 0 1
Table 28. Thermocouple #2 Channel Assignment (Type T, Cold Junction CH2, Differential, 100µA Open-Circuit Detect)
CONFIGURATION
FIELD
DESCRIPTION # BITS BINARY DATA
MEMORY
ADDRESS 0x20C
MEMORY
ADDRESS 0x20D
MEMORY
ADDRESS 0x20E
MEMORY
ADDRESS 0x20F
(1) Thermocouple
Type
Type T
5
00111 0 0 1 1 1
(2) Cold Junction
Channel Pointer
CH2
5
00010
0 0 0 1 0
(3) Sensor
Configuration
Differential,
100µA Open-
Circuit Current
4
0101
0 1 0 1
Not Used
Set These Bits
to 0
6
000000
0 0 0 0 0 0
(4) Custom
Thermocouple
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com