Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 67 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 63Page - Analog Devices LTC2995 Datasheet HTML 64Page - Analog Devices LTC2995 Datasheet HTML 65Page - Analog Devices LTC2995 Datasheet HTML 66Page - Analog Devices LTC2995 Datasheet HTML 67Page - Analog Devices LTC2995 Datasheet HTML 68Page - Analog Devices LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
LTM2985
67
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure  52 shows the interface to a thermocouple us-
ing the LTM2985 multi-sensor circuit. In this case, the
thermocouple ties directly to terminals T3 and T4 while
terminals T1 and T2 can be left floating or tied to an RTD
(Global Register G5 = 1) or thermistor (Global Register G6
= 1) for cold junction compensation. Alternatively, a diode
(tied to CH9) can be used for cold junction compensation.
The thermocouple is assigned to CH6 with single ended
measurement mode.
Figure 52. Protected Multi-Sensor Thermocouple Connection
RP6
2985 F52
CH3
CH2
CH1
CH4
CH5
CH8
CH9
COM
CH7
CH6
RP2
RP3
RP8
RP5
RSENSE
RP4
RP1
RP7
2
1
OPTIONAL
RTD FOR CJ
G5 = 1
OPTIONAL
THERMISTOR
FOR CJ
G6 = 1
THERMOCOUPLE
OPTIONAL
DIODE
FOR CJ
T2
T3
T4
T1
ACTIVE ANALOG TEMPERATURE SENSORS
In addition to passive type temperature sensors, the
LTM2985alsosupportsactiveanalogtemperaturesensors
(e.g., LTC2997). In this mode, the LTM2985 measures
the voltage output from the analog temperature sensor
and does a table lookup to convert the measured voltage
to temperature. This sensor option is fully customizable
and can be used for direct temperature measurement or
cold junction compensation.
Analog Sensor Channel Assignment and Result Formats
For the active analog temperature sensor type = 31 (see
Table 4 and Figure 53), the channel assignment word is
0xF800 0000 for differential measurements and 0xFC00
0000 for single-ended. When the LTM2985 is configured
for the active analog temperature sensor type, it will take
the measured voltage value from the ADC and perform a
table lookup to produce a temperature result. The result
format of the table lookup will be a 24-bit signed fixed-
point temperature result along with the error status byte.
The fixed-point format of the temperature is identical to
all the other LTM2985 temperature sensor types. This
format can be seen in Table 9A and Table 9B.
Figure 53. Active Analog Temperature Sensor Channel Assignment Conventions
2985 F53
CHADC
SINGLE-ENDED
CHANNEL
ASSIGNMENT
= CHADC (1 ≤ CHADC ≤ 10)
= CHADC (2 ≤ CHADC ≤ 10)
24-BIT
∆∑ ADC
24-BIT
∆∑ ADC
CHANNEL
ASSIGNMENT
DIFFERENTIAL
COM
CHADC
CHADC-1
–
+
–
+
LOOKUP
TABLE
WITH
INTERPOLATION
TEMPERATURE
OUTPUT
LOOKUP
TABLE
WITH
INTERPOLATION
TEMPERATURE
OUTPUT
ACTIVE ANALOG
TEMPERATURE
SENSOR
VCC2
ACTIVE ANALOG
TEMPERATURE
SENSOR
VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com