Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 5 Page - Analog Devices

  LTC2995 Datasheet HTML 1Page - Analog Devices LTC2995 Datasheet HTML 2Page - Analog Devices LTC2995 Datasheet HTML 3Page - Analog Devices LTC2995 Datasheet HTML 4Page - Analog Devices LTC2995 Datasheet HTML 5Page - Analog Devices LTC2995 Datasheet HTML 6Page - Analog Devices LTC2995 Datasheet HTML 7Page - Analog Devices LTC2995 Datasheet HTML 8Page - Analog Devices LTC2995 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
LTM2985
5
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
–FS ≤ VIN ≤ +FS
24
Bits
Integral Nonlinearity
VIN(CM) = 1.25 (Note 14)
l
2
30
ppm of VREF
Offset Error
l
0.5
2
μV
Offset Error Drift
(Note 3)
l
10
20
nV/ºC
Positive Full-Scale Error
(Notes 2, 14)
l
100
ppm of VREF
Positive Full-Scale Drift
(Notes 2, 14)
l
0.1
ppm of VREF/ºC
Input Leakage
I-Grade, C-Grade (Note 18)
l
1
nA
Negative Full-Scale Error
(Notes 2, 14)
l
100
ppm of VREF
Negative Full-Scale Drift
(Notes 2, 14)
l
0.1
ppm of VREF/ºC
Input Referred Noise
I-Grade, C-Grade (Note 4)
l
0.8
1.5
µVRMS
Common Mode Input Range
l
–0.05
VCC2 – 0.3
V
RTD Excitation Current
(Note 15)
l
–25
Table 33
25
%
RTD Excitation Current Matching
Continuously Calibrated
l
Error within Noise Level of ADC
V
Thermistor Excitation Current
(Note 15)
l
–37.5
Table 57
37.5
%
Input Range
All Analog Input Channels
l
–0.05
VCC2 – 0.3
V
Output Rate
Two Conversion Cycle Mode (Notes 5, 8)
l
150
164
170
ms
Three Conversion Cycle Mode (Notes 5, 8)
l
225
246
255
ms
Input Common Mode Rejection
50Hz/60Hz (Note 3)
l
120
dB
Input Normal Mode Rejection
60Hz (Notes 3, 6)
l
120
dB
50Hz (Notes 3, 7)
l
120
dB
50Hz/60Hz (Notes 3, 5, 8)
l
75
dB
Analog Power-Up
(Note 10)
l
100
ms
Digital Initialization
(Note 11)
l
100
ms
REFERENCE ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VREF (Note 9)
2.49
2.51
V
Output Voltage Temperature Coefficient
I-Grade
l
3
15
ppm/ºC
C-Grade
l
3
20
ppm/ºC
Load Regulation
IOUT(SOURCE) = 100µA
IOUT(SINK) = 100µA
l
l
5
5
mV/mA
mV/mA
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
4
4.5
μVP-P
μVP-P
Output Short Circuit Current
Short VREF to GND
Short VREF to VCC2
40
30
mA
mA
Long Term Drift of Output Voltage
(Notes 3, 12)
60
ppm/√kHr
Hysteresis
∆T = 0ºC to 70ºC (Note 13)
∆T = –40ºC to 85ºC (Note 13)
30
70
ppm
ppm
ADC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com