Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 53 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 53 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 49Page - Analog Devices LTC2995 Datasheet HTML 50Page - Analog Devices LTC2995 Datasheet HTML 51Page - Analog Devices LTC2995 Datasheet HTML 52Page - Analog Devices LTC2995 Datasheet HTML 53Page - Analog Devices LTC2995 Datasheet HTML 54Page - Analog Devices LTC2995 Datasheet HTML 55Page - Analog Devices LTC2995 Datasheet HTML 56Page - Analog Devices LTC2995 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
LTM2985
53
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
(3) Sensor Configuration
The sensor configuration field is used to define various
thermistor properties. Configuration bit B21 is set high
for single-ended (measurement relative to COM) and low
for differential (see Table 56).
(4) Excitation Current
Thenextfieldinthechannelassignmentword(B18toB15)
controls the magnitude of the excitation current applied to
the thermistor (see Table 57). In order to prevent hard or
soft faults, select a current such that the maximum volt-
age drop across the sensor or sense resistor is nominally
1.0V. The LTM2985 has no special requirements related
to the ratio between the voltage drop across the sense
resistor and the sensor. Consequently, it is possible to
have a sense resistor several orders of magnitude smaller
than the maximum sensor value. For optimal performance
over the full thermistor temperature range, auto ranged
current can be selected. In this case, the LTM2985 conver-
sion is performed in three cycles (instead of the standard
two cycles) (see Table 83). The first cycle determines the
optimal excitation current for the sensor resistance value
and RSENSE value. The following two cycles use that cur-
rent to measure the thermistor temperature.
(5) Steinhart-Hart Address/Custom Table Address
See Custom Thermistors section near the end of this data
sheet for more information.
Table 56. Sensor Configuration Data
(3) SENSOR
CONFIGURATION
SGL
EXCITATION
MODE
SINGLE-ENDED/
DIFFERENTIAL
SHARE
RSENSE
ROTATE
B21
B20
B19
0
0
0
Differential
No
No
0
0
1
Differential
Yes
Yes
0
1
0
Differential
Yes
No
0
1
1
Reserved
1
0
0
Single-Ended
No
No
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Table 57. Excitation Current for Thermistors
(4) EXCITATION CURRENT
B18
B17
B16
B15
CURRENT
0
0
0
0
Reserved
0
0
0
1
250nA
0
0
1
0
500nA
0
0
1
1
1µA
0
1
0
0
5µA
0
1
0
1
10µA
0
1
1
0
25µA
0
1
1
1
50µA
1
0
0
0
100µA
1
0
0
1
250µA
1
0
1
0
500µA
1
0
1
1
1mA
1
1
0
0
Auto Range*
1
1
0
1
Invalid
1
1
1
0
Invalid
1
1
1
1
External
*Auto Range not allowed for custom sensors.
The next sensor configuration bits (B19 and B20) deter-
mine the excitation current mode. These bits are used to
enable RSENSE sharing, where one sense resistor is used
formultiplethermistors.Inthiscase,thethermistorground
connection is internal and each thermistor points to the
same RSENSE channel.
Bits B19 and B20 are also used to enable excitation current
rotation to automatically remove parasitic thermocouple
effects. Parasitic thermocouple effects may arise from
the physical connection between the thermistor and the
measurement instrument. This mode is available for dif-
ferential thermistor configurations using internal current
source excitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com