Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 61 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 61 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 57Page - Analog Devices LTC2995 Datasheet HTML 58Page - Analog Devices LTC2995 Datasheet HTML 59Page - Analog Devices LTC2995 Datasheet HTML 60Page - Analog Devices LTC2995 Datasheet HTML 61Page - Analog Devices LTC2995 Datasheet HTML 62Page - Analog Devices LTC2995 Datasheet HTML 63Page - Analog Devices LTC2995 Datasheet HTML 64Page - Analog Devices LTC2995 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
LTM2985
61
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
GLOBAL CONFIGURATION REGISTER
Table 67 shows a summary of the global configuration
register. The global configuration register is 1 byte long
and is at memory location 0x0F0. Bits G0 – G1 set the
notch frequency of the on chip digital filter, Bit G2 sets the
temperature results unit (°C or °F), Bits G3 and G7 are
reserved and should be set low, Bits G4 – G6 determine
the Kelvin current excitation mode.
Most RTD sensor elements are electrically isolated from
the sensor leads either through a non-conductive encap-
sulation or a separate grounding shield. While these types
of sensors may not require input overvoltage protection,
certain applications may require current limiting resistors
between the RTD and the LTM2985. One such application
is a universal input device where an input terminal can
see either an RTD or a thermocouple. Other applications
mayrequireprotectionagainsterroneousconnections,for
example, connecting a voltage source accidentally to the
RTD input terminals. The protection circuits implemented
for RTDs should accommodate 2-wire, 3-wire and 4-wire
configurations.
Thermistors are 2-wire resistance to temperature sensors
withanon-conductiveencapsulationenclosingthesensor
element. Similar to the RTD, overvoltage protection for
thermistors may be required for both universal sensor
inputapplicationsandinadvertentuserappliedovervoltage.
The LTM2985 offers several current excitation modes for
eliminating errors due to resistive overvoltage protection
circuits. The following sections describe overvoltage
protection circuits for thermocouples, 2-, 3- and 4-wire
RTDs and thermistors with an emphasis on universality
(sharing the same protection scheme for all sensor types).
Input Overvoltage Protection – Resistor Value Selection
The maximum continuous current the LTM2985 can sus-
tain without damage is ±15mA. In order to determine the
value of the overvoltage protection resistor and its power
rating, the maximum voltage is required. This voltage is
application specific and depends on the maximum antici-
pated overvoltage. For example, a system with possible
overvoltage of 40V would require a resistance R > 2.7kΩ
and a power rating (see Figure 34 and Figure 35):
P > 600mW, where R >
VMAX – VCC2
15mA
Table 67. Global Configuration Register
BIT #
FIELD NAME
DESCRIPTION
G0
G1
Filter Frequency Select [1:0]
00 = 55Hz
01 = 60Hz
10 = 50Hz
G2
Temperature Result Format
0 = Celsius
1 = Fahrenheit
G3
Reserved
Set to 0
G4
3-Wire RTD Kelvin Current
Excitation Mode
Excitation Current on
Adjacent Channels
G5
2-Wire RTD Kelvin Current
Excitation Mode
Excitation Current on
Adjacent Channels
G6
Thermistor Kelvin Current
Excitation Mode
Excitation Current on
Adjacent Channels
G7
Reserved
Set to 0
INPUT OVERVOLTAGE PROTECTION – OVERVIEW
Temperature sensors are often used in harsh environ-
ments. The sensors or leads can short to high voltages
or each other. Resistive circuits can protect the LTM2985
from these fault conditions. These external resistors can
potentially introduce measurement errors; however, the
LTM2985includesspecialmodesandfeaturesthatreduce
these effects
The tip of a thermocouple is often unshielded, creating a
low impedance conductive path to the input of the mea-
surement device. In order to protect the LTM2985 from
damage due to overvoltage conditions, current-limiting
resistorscanbeplacedbetweentheinputchannelsandthe
thermocouple sensor. The value of this resistor is chosen
such that at the maximum overvoltage, the current enter-
ing the LTM2985 is less than ±15mA. Errors due to these
protection resistors are minimal during normal operation
due to the very low input leakage (1nA) specifications of
the LTM2985.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com