Electronic Components Datasheet Search
  English  ▼

X  

LTC2995 Datasheet(PDF) 64 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 64 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 60Page - Analog Devices LTC2995 Datasheet HTML 61Page - Analog Devices LTC2995 Datasheet HTML 62Page - Analog Devices LTC2995 Datasheet HTML 63Page - Analog Devices LTC2995 Datasheet HTML 64Page - Analog Devices LTC2995 Datasheet HTML 65Page - Analog Devices LTC2995 Datasheet HTML 66Page - Analog Devices LTC2995 Datasheet HTML 67Page - Analog Devices LTC2995 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
LTM2985
64
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 41. 2-wire RTD with Protection Resistors
2985 F41
CH2
CH1
CH3
CH4
CH5
RP1
RP2
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
RP3
2
1
RSENSE
EXCITATION
CURRENT
FLOW
I1
2985 F42
CH2
CH1
CH3
CH4
CH5
RP1
RP2
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
RP3
RP4
2
1
RSENSE
EXCITATION
CURRENT
FLOW
I1
ILEAK
ILEAK
Figure 42. 2-Wire RTD Kelvin Current Mode (G5 = 1)
2-Wire RTDs
2-wire RTDs are difficult to protect because the protection
resistor (RP3) is in series with the RTD (see Figure 41).
Every 1Ω of protection resistance adds 1Ω measurement
error to the RTD.
The LTM2985 offers a 2-wire Kelvin current source mode
in order to remove the errors associated with protection
resistors. This feature is enabled by setting the global
2-wire RTD Kelvin current excitation mode bit (G5 = 1,
see Table 67) prior to initiating a conversion start. This
current excitation mode uses the adjacent channel (CH5
for this example) for the internal ground connection (see
Figure 42). One additional protection resistor is added
betweentheRTDandCH5.Theexcitationcurrentnolonger
flows through RP3, removing the voltage drop across it.
Figure 43 shows the channel assignment convention for
this mode.
Thermistors
Similar to the 2-wire RTD, thermistors are difficult to
protect because the protection resistor RP3 is in series
with the sensor (see Figure 44). Every 1Ω of protection
resistance adds 1Ω measurement error to the thermistor.
Figure 43. 2-Wire Kelvin Current Mode Channel
Assignment Convention (G5 = 1)
2985 F43
2
1
EXCITATION
CURRENT
FLOW
CHRTD–1
CHRTD
CHRTD+1
= CHRTD (2 ≤ RTD ≤ 9)
GLOBAL REGISTER G5 = 1
CHANNEL
ASSIGNMENT
2ND TERMINAL TIES TO SENSE RESISTOR (CHRSENSE)
Figure 44. Thermistor with Protection Resistors
2985 F44
CH2
CH1
CH3
CH4
RP1
RP2
= EXTERNAL TERMINAL CAN BE
EXPOSED TO FAULT VOLTAGE.
RP3
RSENSE
EXCITATION
CURRENT
FLOW
11
The LTM2985 offers a thermistor Kelvin current source
modeinordertoremovetheerrorsassociatedwithprotec-
tion resistors. This feature is enabled by setting the global
thermistor Kelvin current excitation mode bit (G6  =  1,
see Table 67) prior to initiating a conversion start. This
current excitation mode uses the adjacent channel (CH5
for this example) for the internal ground connection (see
Figure 45). One additional protection resistor is added
between the thermistor and CH5. The excitation current
no longer flows through RP3, removing the voltage drop
across it. Figure 46 shows the channel assignment con-
vention for this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com