Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
30 of 224
www.dialog-semiconductor.com
DA6021 Power States
9.2
Following is a brief description of these states:
OFF: No power at all. The platform coin cell has no valid power.
COIN: COIN domain is powered and not under reset. Coin domain refers to a small logic portion inside
DA6021, which gets a reset signal and supply from the coin cell or a supercap. These logic registers retain
data when DA6021 supply fails or PMIC goes under the POR. These register are sitting on the analog side.
The COIN state is not related to any operation in the PMIC and is not coded. It represents just a possible
supply scenario.
RESET: The digital core which is not supplied from the COIN is under POR due to the fact that the VSYS
input has not crossed yet the POR release threshold.
OTP: Just after POR is released DA6021 goes into OTP state and reads the OTP. In this state all the
trimming, calibration, power sequencing, and platform variant data is read and copied into the operational
registers. This state is crossed only during first power up or when DA6021 is forced by POR or soft reset to
go back into RESET state.
EEPROM: For debugging purpose or as a fallback
solution in the field it’s possible to overwrite the
operational registers via an external EEPROM. This step is always performed from DA6021 after the OTP
state and is done once during first power up if the EEPROM contains. It is assumed that the EEPROM is
supplied at the time of the access.
G3: This state corresponds to a non-valid system supply VSYS (VSYS < VSYSREF = 3.0V). VSYS is not
considered to be good enough for booting.
SOC_G3
: This is by definition the “system power down” state. Application will be mainly looping between
active state and this state. VSYS valid event makes the PMIC going from G3 to SOC_G3 state. Critical
events and power button can lead the PMIC to this state. Only in this state it is possible to be sensitive to the
external wakeup events.
Figure 4: DA6021 Power States
DA6021 will issue an under voltage flag when VSYS will fall below the 2.7V threshold. In this case a shutdown
will be executed bringing down all rails in an ordered fashion. The final state will be G3. The following figure
shows different thresholds which generate events in DA6021.
When VSYS reaches the 2.0 Volt (point B) the POR will happen and DA6021 will go to reset. All the registers will
be initialized with default values. Only registers supplied from RTC will retain their value. POR will be released
COIN
RESET
OTP
EEPROM
G3
SOC_G3
Valid Power on the COIN
domain but no external
power source available for
the platform.
RTC Supply is Valid, but
PMIC is under reset.
VSYS < 2.3V
PMIC out of reset.
Not Valid VSYS.
Valid VSYS.
OFF
No Supply at all. All
registers are under reset.
This states are indipendent from the supply on the COIN domain. PMIC can boot or stay in this stats
even the COIN domain is not supplied.
VSY
S <
2.0
V
VSY
S >
2.3
75V
VSY
S <
2.7
V
VSY
S >
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com