Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp DA6021 Datasheet HTML 40Page - Renesas Technology Corp DA6021 Datasheet HTML 41Page - Renesas Technology Corp DA6021 Datasheet HTML 42Page - Renesas Technology Corp DA6021 Datasheet HTML 43Page - Renesas Technology Corp DA6021 Datasheet HTML 44Page - Renesas Technology Corp DA6021 Datasheet HTML 45Page - Renesas Technology Corp DA6021 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
42 of 224
www.dialog-semiconductor.com
Event
Conditions (all mandatory)
Main Battery
becomes Valid with
Input Power Source
( VBAT rising,
VBAT > LOWBAT)
 ADPWAKEEN or USBWAKEEN is set
 VSYS valid.
 Battery already present (SBATDET=1, not an insertion event)
 AC/DC Adapter (SVDCINDET=1 when DCBOOT=0) or USB already inserted
(SVBUSDET =1)
– BATLOW_B was initially “0” when external power was plugged
then be
comes “1” after battery has been charged up, prevents case where battery
voltage may float up due to cell “relaxing” during SOC G3.
Power Button
Pressed
 VSYS valid
 VBAT valid (SBATDET=1 and BATLOW_B=1 if BATRMPDEN set, or BATLOW_B=1
if BATRMPDEN cleared)
Table 16: Cold Boot Triggers
Following table provides further clarification for a cold boot trigger
Event
Cold Boot Conditions (all conditions mandatory)
Power
Source
Insertion
Power
Button
Press
Wake-up
Enable Bit
VSYS
VBAT
USB VBUS
Inserted
SVBUSDET
: 01
Not
applicable
USBWAKE
EN=1
≥ VSYSREF
SBATDET = 1 and
BATLOW_B = 1
AC/DC Adapter
Inserted
SVDCINDE
T: 01
Not
applicable
ADPWAKE
EN=1
≥ VSYSREF
SBATDET = 1 and
BATLOW_B = 1 if
BATRMPDEN = 1
BATLOW_B=1 if
BATRMPDEN = 0
Main Battery
Inserted
SBATDET:
01
Not
applicable
BATWAKE
EN= 1
≥ VSYSREF
BATLOW_B = 1
Main Battery
becomes Valid with
Input Power Source
( VBAT rising,
VBAT > LOWBAT)
SVBUSDET
=1
Not
applicable
USBWAKE
E=1
≥ VSYSREF
BATLOW_B: 01
SVDCINDE
T=1
and
DCBOOT=
0
Not
applicable
ADPWAKE
EN=1
≥ VSYSREF
BATLOW_B: 01
Power Button
Pressed
Not
applicable
PBLVL = 0
Not
applicable
≥ VSYSREF
SBATDET = 1 and
BATLOW_B = 1 if
BATRMPDEN = 1
BATLOW_B = 1 if
BATRMPDEN = 0
(when battery is
removed but
AC/DC adapter is
present)
Table 17: Truth Table of Cold Boot Triggers
All the conditions in the table above shall be met for Cold Boot (wakeup) to occur. For example, wakeup with
AC/DC adapter insertion but without a battery can only occur when all these conditions are met: SVDCINDET=1
(AC/DC adapter insertion), ADPWAKEEN=1, BATLOW_B=1 (which means DCBOOT=1), BATRMPDEN=0.
Without a battery, USB power source insertion cannot cause the system to boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com