Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 55Page - Renesas Technology Corp DA6021 Datasheet HTML 56Page - Renesas Technology Corp DA6021 Datasheet HTML 57Page - Renesas Technology Corp DA6021 Datasheet HTML 58Page - Renesas Technology Corp DA6021 Datasheet HTML 59Page - Renesas Technology Corp DA6021 Datasheet HTML 60Page - Renesas Technology Corp DA6021 Datasheet HTML 61Page - Renesas Technology Corp DA6021 Datasheet HTML 62Page - Renesas Technology Corp DA6021 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
59 of 224
www.dialog-semiconductor.com
For SOC initiated Cold Off, there is a configuration bit in the RTC domain supplied registers called
SUSPWRDNACKCFG. This bit decides whether DA6021 enters SOC G3 state or stops at SOC S4 state:
When RSMRST_B=1, SLP_S4_B=0 and SUSPWRDNACKCFG=1, DA6021 enters SOC G3 state if
SUSPWRDNACK=1
When RSMRST_B=1, SLP_S4_B=0 and SUSPWRDNACKCFG=0, DA6021 stops at SOC S4 state, no
matter SUSPWRDNACK=1 or 0. T
he Power Sequence diagram will be the same as that of “Enter SOC
S4 Sequence
Default Behavior Diagram” except that SUSPWRDNACK could be set (=1) or cleared (=0)
when SLP_S4_B is asserted (=0).
Parameter
Description
Min
[ms]
Typ
[ms]
Max
[ms]
Measured
[ms]
T0
PLTRST_B assertion to SLP_S0IX_B assertion
0,031
SOC
related
T1
SLP_S0IX_B assertion to VCCAPWROKCFG
deassertion
0,000
0,008
0,016
0,002
T2_V1P2SX
VCCAPWROK deassertion to first VR starts to
turn off
0,000
0,008
0,016
0,051
T3_V1P0SX
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,624
T4_V1P0SX-
V1P2SX
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,995
T3_V1P2SX
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,010
T4_V1P2SX-
VDDQ_VTT
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
1,037
T3_VDDQ_VTT
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,617
T2_VBUS
VCCAPWROK deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
1,794
T3_VBUS
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
2,660
T2_V1P8SX
VCCAPWROK deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
2,378
T3_V1P8SX
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,059
T2_V2P85SX
VCCAPWROK deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
2,120
T3_V2P85SX
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,028
T2_VHDMI
VCCAPWROK deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
2,366
T3_VHDMI
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
1,563
T2_VHOST
VCCAPWROK deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
2,719
T3_VHOST
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,402
T5
SLP_S0IX_B assertion to SLP_S3_B assertion
0
SOC
related
T4_VDDQ_VTT-
V2P85S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,661
T2_V2P85S
SLP_S3_B assertion to VR starts to turn off
0,000
0,008
0,016
0,037
T3_V2P85S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,687
T4_V2P85S-
V3P3S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,621
T3_V3P3S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
3,363
T4_V3P3S-
V1P2S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com