Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 42Page - Renesas Technology Corp DA6021 Datasheet HTML 43Page - Renesas Technology Corp DA6021 Datasheet HTML 44Page - Renesas Technology Corp DA6021 Datasheet HTML 45Page - Renesas Technology Corp DA6021 Datasheet HTML 46Page - Renesas Technology Corp DA6021 Datasheet HTML 47Page - Renesas Technology Corp DA6021 Datasheet HTML 48Page - Renesas Technology Corp DA6021 Datasheet HTML 49Page - Renesas Technology Corp DA6021 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
46 of 224
www.dialog-semiconductor.com
Register Name
PWRSEQCFG
Address
0xDC
Page 0
Read
Reset Value
0x0E
MSB
LSB
R
R
R
R/W
R/W
R/W
R/W
R/W
Reserved
USBS
DPCFG
VCCA
PWROKCFG
SUSPWRD
NACKCFG
DTPWROK
DTPWROK
00
01
10
11
Delay time for Core rails valid to VCCAPWROK and COREPWROK
assertion
1ms
10ms
100ms
120ms
SUSPWRDNACKCFG
0
1
When SLP_S4_B = 0, this bit decides if the power sequencer should go to
SOC_G3 state if the SUSPWRDNACK is asserted.
go to SOC G3 if SUSPWRDNACK = 1.
not go to SOC G3 regardless of SUSPWRDNACK status.
VCCAPWROKCFG
0
1
Option to de-assert VCCAPWROK when PMIC enters SOC S0IX state.
VCCAPWROK gets de-asserted (=0) when entering SOC S0IX.
VCCAPWROK remains asserted (=1) when entering SOC S0IX.
USBDPCFG
0
1
Option to set ILIM[1:0] for USB SDP current limit.
USB SDP, set ILIM[1:0] to 01 for 100mA current limit.
USB SDP, set ILIM[1:0] to 11 for 500mA current limit.
Warm Reset Sequence
10.3.2
During a warm reset the SoC will toggle the PLTRST_B pin for a certain amount of time. This sequence can only
happen while in SOC_S0 state. DA6021 captures this event in order to disable/idle the I2C interface and SVID
interface. All voltage rails remain in regulation, except VCC and VNN, as those will be re-programmed to VBOOT
voltage.
Enter SOC S0iX Mode
10.3.3
The S0iX state is entered when the SOC is in a shallow sleep state. This state is entered when the SOC asserts
the SLP_S0IX_B (LOW) pin to the PMIC. VDDQ_VTT and SX rails are turned off. The VCC rail is either turned
off by SVID commands (not by SLP_S0IX_B signal) or set to a voltage set in SVID address 0x39. The VNN rail
is set to a voltage set in SVID address 0x39.The rest of the VRs remain on but enters into power save mode.
VCCAPWROKCFG bit in register PWRSEQCFG provides the option to de-assert VCCAPWROK in S0IX state.
VCCAPWROKCFG =1, PMIC does not deassert VCCAPWROK when entering S0IX state,
VCCAPWROKCFG =0, PMIC deasserts VCCAPWROK after SLP_S0IX_B is asserted and before VRs start to
turn off when entering S0IX state.
The rail sequencing is shown in the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com