| Electronic Components Datasheet Search |
|
DA6021 Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA6021 Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 225 page ![]() DA6021 HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR Company Confidential Data Sheet Version 3.A - Final 31-Jan-14 © 2014 Dialog Semiconductor GmbH 34 of 224 www.dialog-semiconductor.com .FCOT[3:0] toggles SLP_S0iX_B = 1 to exit S0iX SLP_S0iX_B SLP_S0iX_B=1 SLP_S3_B=1 SLP_S4_B =1 SOC_S0 Exit S0iX state SLP_S3_B SLP_S3_B=0 Or SLP_S4_B=0 SOC_S3 Enter S3 state Table 9: SOC S0iX State Transition SOC S3 State 9.3.3 The entering and exiting of each the SOC S3 state is controlled by a signal which is delivered to DA6021by the SOC via a dedicated physical pin SLP_S3_B. The exiting of SLP_S3_B is also gated by BATLOW_B. Rails that are on: o They are shown in the power sequencing diagrams o VRs shall be placed in PFM/power save mode o Internal PMIC rails Interfaces available: o SVID is OFF in S3 o I2C is OFF in S3 Input source comparators and interrupts active. All registers powered, with states retained. Thermal monitoring and VR current measurements are disabled by default. If enabled, the measurements are taken at standby frequency. The events causing a transition out of the ‘SOC S3’ state are shown in the table below. Event Trigger Conditions (all mandatory) Next state Note Input power Source removal and Main Battery Removal/Depletion VSYS < VMIN VBATBKUP>VMIN G3 DA6021 loses states, except RTC powered registers Restart with default values except RTC powered registers VSYS < VMIN VBATBKUP<VMIN DA6021 loses states, RTC powered registers loses states Re-start with default values See event and conditions in Cold off Triggers SOC_G3 See “Cold Off Triggers” Power Button Held Power Button held time < PBCONFIG .FCOT[3:0] S0iX DA6021 passes PWRBTN_B information to SoC. SoC toggles first SLP_S3_B=1 to exit S3 state followed by SLP_S0iX_B = 1 to exit S0iX SLP_S3_B SLP_S3_B=1 SLP_S4_B =1 BATLOW_B=1 SOC_S0iX Exit S3 state SLP_S4_B SLP_S4_B=0 SOC_S4 Enter S4 Table 10: SOC S3 State Transition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |