Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 15Page - Renesas Technology Corp DA6021 Datasheet HTML 16Page - Renesas Technology Corp DA6021 Datasheet HTML 17Page - Renesas Technology Corp DA6021 Datasheet HTML 18Page - Renesas Technology Corp DA6021 Datasheet HTML 19Page - Renesas Technology Corp DA6021 Datasheet HTML 20Page - Renesas Technology Corp DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
19 of 224
www.dialog-semiconductor.com
6. Operating Conditions
All Voltages are referenced to VSS unless otherwise stated. Currents flowing into DA6021 are deemed positive,
currents flowing out are deemed negative.
All parameters are valid over the full operating temperature range and power supply range unless otherwise
noted. Please note that the power dissipation must be limited to avoid overheating of DA6021. The maximum
power dissipation should not be reached with maximum ambient temperature.
Absolute Maximum Ratings
6.1
Parameter
Conditions
Min
Max
Unit
Val
Storage Temperature
TSTOR
-65
+150
°C
Q
Operating Temperature free-air
TAMB
-30
+85
°C
E
Power Supply Input
VSUP
-0.3
+5.5
V
E/Q
IO Input
(All unless otherwise stated)
-0.3
VSUP+0.3
V
Q
Maximum power dissipation
60°C ambient temperature
55mmx100mmx0.75mm PCB
2.0
W
D,E
Package thermal resistance
TBD
K/W
D,E
ESD CDM
(Charge Device Model)
All pins unless otherwise stated.
±500
V
Q
ESD HBM
(Human Body Model)
All pins unless otherwise stated.
±2
kV
Q
Table 1: DA6021 Absolute Maximum Ratings
Recommended Operating Conditions
6.2
Parameter
Conditions
Min
Max
Unit
Val
Operating Temperature free-air
TAMB
-30
+85
°C
E,Q
Power Supply Input
VSUP
2.7
4.5
V
E,Q
Table 2: DA6021 Recommended Operating Conditions
The maximum allowed operational die temperature is defined to 125°C. Below you can find the time constraints
in relation to the peak power dissipation. The simulation results are based on
10 layer board, 70x170x0.8mm
3
Natural convection, air velocity 0m/s
Surface-to
–surface radiation
Package initializes at 0.25W with initial temperature of 38°C
Surrounding ambient temperature in immediate vicinity at 31°C
Maximum power burst exposure of 100s
Various power burst scenarios at: 0.76, 0.96, 1.20, 2.90, 3.72, 4.52 and 7.0W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com