Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp DA6021 Datasheet HTML 78Page - Renesas Technology Corp DA6021 Datasheet HTML 79Page - Renesas Technology Corp DA6021 Datasheet HTML 80Page - Renesas Technology Corp DA6021 Datasheet HTML 81Page - Renesas Technology Corp DA6021 Datasheet HTML 82Page - Renesas Technology Corp DA6021 Datasheet HTML 83Page - Renesas Technology Corp DA6021 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
80 of 224
www.dialog-semiconductor.com
PS3
– C6 at S0ix
The SoC sends a SVID command SetVID_decay with 0V to enter the PS3 mode. DA6021 switches off all
unnecessary functional blocks minimizing the quiescent current. When detecting an exit from S0ix state, the SoC
sends SetVID_fast/slow and DA6021 recovers VCC to the operating voltage level.
Figure 28: VCC Timings
11.6.1.3
Electrical Characteristics VCC
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Val
VCC_IN
Input Voltage
2.7
4.5
V
-
Cin
at VCC_IN
4 x 4.7
µF
-
Cout
6 x 47
μF
-
ESR of output capacitor
6 @ 47µF
mΩ
-
ESL of output capacitor
1.6 @ 3MHz
nH
-
L_BUCK
inductor value
-20%
4x0.47 +20%
μH
-
L_R
inductor DC resistance
48
mΩ
-
VCC
Output Voltage
IOUT= Imax
0.50
1.2
V
A
VCC
Output Accuracy
See chapter 0
A
F_BUCK
Frequency of operation
Tablet
3
MHz
A
Transient load current profile
1000-8000mA
25-7000mA
200
200
ns
ns
-
Transient droop
1
1000-8000mA
25-7000mA
40
mV
E
Transient overshoot
2
8000-1000mA
7000-25mA
40
mV
E
Ton
Turn on time
2
ms
E
Toff
Turn off time
Vout down to 0.5V
20
µs
D
Rpd
Discharge impedance
0.5V down to 0V
20
Ω
A
IQ_ON
Quiescent Current in
On Mode
No load
200
µA
E
Normal Mode
– Synchronous rectification (PWM)
Maximum Output Current (Imax)
8000
mA
D
ILIMIT
Current limitation
Cycle by cycle
1.3*Imax
mA
A*
Boot up voltage for VCC VBOOT
1.1
V
D,E
Efficiency at VSYS = 3.7V & Tamb=60°C
with proposed external components and
PCB layout
Typical BOM
environment
See Figure 29
D,E,
A*
3
1 Including DC accuracy, ripple and load regulation
2 Including DC accuracy, ripple and load regulation
3 RDSON measurement on ATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com