Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp DA6021 Datasheet HTML 75Page - Renesas Technology Corp DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp DA6021 Datasheet HTML 78Page - Renesas Technology Corp DA6021 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
75 of 224
www.dialog-semiconductor.com
#
Register
Description
Access
Note
supported” acknowledge. VR12 VID data
format.
Must be programmed by MASTER during
boot up sequence if a value other than default
is desired. Offset (33h) does not effect
Vout_max. IE VID+offset can be > Vout_max.
0x31
VID setting
Data register containing currently
programmed VID voltage. VID data format.
Default is 00h, zero volts out, VR off.
Read/write
0x32
PWR state
Register containing the current programmed
power state. Default is 00h, normal power
mode
Read/write
0x33
Offset
Sets offset in VID steps added to the VID
setting for voltage margining. Bit 7 is sign bit,
0=positive margin, 1= negative margin.
Remaining 7 BITS are _B VID steps for the
margin 2s complement.
00h= no margin.
01h=+1 VID step,
02h=+2 VID steps
FFh=-
1 VID step…
Read/write
0x39
S0iX_SVID setting
Data register containing the VID voltage that
is used to DECAY to when the SLP_S0IX_B
is asserted and PLTRST_B de-asserted; The
voltage ramps back to 31h using fast ramp
set in VSLEW(2Ah) at de-assertion of
SLP_S0IX_B
Read/write
Table 35: SVID Supported Registers
Register Name
VENDOR_ID
Address
0x00
Page 2/3
Read
0x00
MSB
LSB
R
R
R
R
R
R
R
R
VendorID[7:0]
VendorID[7:0]
0x2B
identifies Dialog Semiconductor
Register Name
PRODUCT_ID
Address
0x01
Page 2/3
Read
0x00
MSB
LSB
R
R
R
R
R
R
R
R
ProductID[7:0]
ProductID[7:0]
0
Identifies the product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com