Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 75Page - Renesas Technology Corp DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp DA6021 Datasheet HTML 78Page - Renesas Technology Corp DA6021 Datasheet HTML 79Page - Renesas Technology Corp DA6021 Datasheet HTML 80Page - Renesas Technology Corp DA6021 Datasheet HTML 81Page - Renesas Technology Corp DA6021 Datasheet HTML 82Page - Renesas Technology Corp DA6021 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
79 of 224
www.dialog-semiconductor.com
Low Power State Control Signals
11.5.7
SLP_S0iX_B is asserted low when SoC goes into S0iX state. When S0iX_B signal is held low, VNN, V1P0_A,
V1P8_A and VDDQ are entering a low power state. V1P0SX,V1P05S, V1P2SX, V1P8SX, VHDMI, VBUS,
VDDQ_VTT and V2P85SX are switched off.
Power Supplies
11.6
DC/DC Buck Regulator VCC
11.6.1
The BUCK_CORE converter is a high efficiency synchronous quad phase step down regulator operating at a
high frequency (3 MHz) supplyi
ng a voltage (VCC) of 0.5 … 1.2V at maximum 8000mA. This buck regulator has
the ability to dynamically change its output voltage setting to per SoCs frequency-power requirements. The
output voltage is controlled using the SVID interface.
Figure 27: VCC Block Diagram
11.6.1.1
VCC Current
The SoC has the ability to increase the core frequency during burst mode (achieving exceptional performance)
when the system environment is conducive. As long as the thermal and power budget allows, the current of the
VCC voltage rail can be more than twice the normal mode value.
Imax = 8000mA
11.6.1.2
Power States
PS0
– active state:
DA6021 VCC voltage rail can handle up to 8A peak current for a duration of several seconds before it reaches
the maximum operational temperature of DA6021. The regulator automatically switches between synchronous
PWM and asynchronous PFM mode depending on the load.
At usage workloads, VCC current is typically in the range of 200mA to 1500mA
PS1:
N/A
PS2
– C6 at S0idle
When the SoC enters the C6 state it sends a SetVID_decay to C6 VID voltage command. DA6021 sets the
output voltage to the C6 level, without discharging the output capacitors. In PS2 mode VCC regulator turns off all
unnecessary functional blocks for minimal power dissipation. Exiting PS2 mode can either be achieved after
receiving a SetPS to PS0 or SetVID_slow/fast to a value equal or higher VID voltage rail. The power state
transition delay time is ≤ 5µs
In this power saving mode the VCC buck supports up to 200mA without catastrophic failure.
VCC_GND
BUCK_VCC
VCC_VIN
0.5V
–1.2V
8 A
VCC_FBP
VCC_FBN
LX1
4
Φ
8
2
2
2
2
8
0.47µH
0.47µH
0.47µH
0.47µH
LX2
LX3
LX4
C
C
VCC bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com