Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
27 of 224
www.dialog-semiconductor.com
PLTRST_B
9.1.15
PLTRST_B is an active low dedicated input signal from the SOC that indicates the SOC already comes out of
reset upon de-assertion (PLTRST_B=1). Please note that PLTRST_B is not a power state indication signal while
SLP_S*_B (i.e. SLP_S0IX_B or SLP_S3_B or SLP_S4_B) signals are. PMIC ignores the PLTRST_B if it is in
one of the standby states.
SLP_S0iX_B
9.1.16
SLP_S0IX_B is an active low dedicated input signal from the SOC that indicates SX state entry upon assertion
(SLP_S0IX=LOW) and exit upon de-assertion (SLP_S0IX=HIGH). The assertion of the SLP_S0IX_B signal from
the SOC launches SOC_SX entry sequence. It is only considered if RSMRST_B=1.
SLP_S3_B
9.1.17
SLP_ S3_B is an active low dedicated input signal from the SOC that indicates S3 state entry upon assertion
(SLP_S3_B=LOW) and exit upon de-assertion (SLP_ S3_B=HIGH). The assertion/de-assertion of the
SLP_S3_B signal from the SOC launches SOC_S3 state entry/exit sequence. It is valid when RSMRST_B=1
(de-asserted).
SLP_S4_B
9.1.18
SLP_S4_B is an active low dedicated input signal from the SOC that indicates S4 state entry upon assertion
(SLP_S4_B=LOW) and exit upon de-assertion (SLP_S4_B=HIGH). The assertion/de-assertion of the SLP_S4_B
signal from the SOC launches SOC_S4 state entry/exit sequence. It is valid only when RSMRST_B=1.
RSMRST_B
9.1.19
RSMRST_B is an active low dedicated output signal. RSMRST_B asserts when voltage rail V3P3A is enabled.
RSMRST_B shall be actively driven to low in SOC G3 state when SUS rails are turned off. This is down via a
pull-down integrated resistor. The nominal voltage of RSMRST_B is 0V when asserted, 3.3V when de-asserted.
DRAMPWROK
9.1.20
DRAMPWROK is an active high dedicated output signal. DRAMPWROK asserts when voltage rail VDDQ is
enabled. The nominal voltage of DRAMPWROK is VDDQ when asserted, 0V when de-asserted.
VCCAPWROK
9.1.21
VCCAPWROK is an active high dedicated output signal. VCCAPWROK asserts when all voltage rails that are
supposed to be on in SOC_S0 and SOC_SX states are at nominal voltage. The nominal voltage of
VCCAPWROK is VDDQ when asserted, 0V when de-asserted. VCCAPWROK will de-assert only if both
PLTRST_B and SLP_S0IX_B are asserted (=0) during sleep state entry.
COREPWROK
9.1.22
COREPWROK is an active high dedicated output signal. COREPWROK asserts when all voltage rails that are
supposed to be on in SOC_S0 and SOC_SX states, are at nominal voltage. COREPOWROK shall be actively
driven to low in SOC G3 state when SUS rails (*_A rails) are turned off. The nominal voltage of COREPWROK is
3.3V when asserted, 0V when de-asserted. COREPWROK will de-assert only if both PLTRST_B and
SLP_S0IX_B are asserted (=0) during sleep state entry.
SUSPWRDNOK
9.1.23
SUSPWRDNACK is an active high dedicated input signal from the SOC that indicates the PMIC to turn off the
SUS rails (A) rails (V3P3A, V1P8A, V1P0A) in junction with assertion of SLP_S4_B. It is valid when
RSMRST_B=1 (de-asserted) and SLP=S4_B=0 (asserted).
BATLOW_B
9.1.24
BATLOW_B is an active low dedicated output signal to the SOC indicating that the battery voltage is not
sufficiently high to boot the SoC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com