Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 40Page - Renesas Technology Corp DA6021 Datasheet HTML 41Page - Renesas Technology Corp DA6021 Datasheet HTML 42Page - Renesas Technology Corp DA6021 Datasheet HTML 43Page - Renesas Technology Corp DA6021 Datasheet HTML 44Page - Renesas Technology Corp DA6021 Datasheet HTML 45Page - Renesas Technology Corp DA6021 Datasheet HTML 46Page - Renesas Technology Corp DA6021 Datasheet HTML 47Page - Renesas Technology Corp DA6021 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
44 of 224
www.dialog-semiconductor.com
Parameter
Description
Min
[ms]
Typ
[ms]
Max
[ms]
Measured
[ms]
T0
VUSBPHY Turn on Delay + Ramp-Up Time
0,08
2,00
T1
not measureable
----
T2_VUSBPHY
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,112
T2_V1P0A
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,357
T3_V1P0A-
V1P8A
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,767
T2_V1P8A
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,672
T3_V1P8A-
V1P2A
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,869
T2_V1P2A
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,051
T3_V1P2A-
V3P3A
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,687
T2_V3P3A
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,295
T4
V3P3A valid to RSMRST_B deassertion
0,000
0,024
0,032
0,009
T5
RSMRST_B deassertion to SLP_S4_B
deassertion
0,02
SOC
related
T6
SLP_S4_B deassertion to SUSPWRDNACK
goes HIGH
0,00
SOC
related
T3_V3P3A-
V1P8U
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,703
T7
SLP_S4_B deassertion to V1P8U turn-on delay
0,000
0,024
0,032
0,049
T2_V1P8U
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,102
T3_V1P8U-VDDQ
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,474
T2_VDDQ
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,473
T3_VDDQ-
VREFDQ0
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,707
T2_VREFDQ0
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,014
T3_VREFDQ0-
VREFDQ1
Rail to Subsequent Rail Turn-On Delay
0,00
0,013
T2_VREFDQ1
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,015
T8
VREFDQ1 to DRAMPWROK assertion
0,000
0,024
0,032
0,018
T9
SLP_S4_B deassertion to SLP_S3_B
deassertion
0,02
SOC
related
T3_VREFDQ1-
V5P0S
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,566
T10
SLP_S3_B de-assertion to first S rail turn-on
delay
0,000
3,000
6,166
0,015
T2_V5P0S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,010
T3_V5P0S-VNN
Rail to Subsequent Rail Turn-On Delay
0,20
1,00
2,05
0,259
T2_VNN
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,084
T3_VNN-VCC
Rail to Subsequent Rail Turn-On Delay
0,20
1,00
2,05
0,257
T2_VCC
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,082
T3_VCC-V1P0S
Rail to Subsequent Rail Turn-On Delay
0,20
1,00
2,05
0,238
T2_V1P0S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,062
T3_V1P0S-
V1P05S
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com