Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
26 of 224
www.dialog-semiconductor.com
9. Operating Conditions
System Control Signals
9.1
VDCIN_SENSE
9.1.1
Input voltage, limited to the maximum input voltage via resistor divider, of the AC/DC adaptor.
ACPRESENT
9.1.2
ACPRESENT is an active high dedicated output signal that indicates the AC/DC adapter or USB DCP/CDP/ACA
(CHGDET_B=0) is connected to a valid voltage.
VBUS_SENSE
9.1.3
USB input voltage detection
CHGDET_B
9.1.4
USB DCP detection from USBPHY to DA6021. (0=USB DCP/CDP/ACA)
VSYS1/2
9.1.5
Input power supplies and input voltage supervision
CHGSTAT
9.1.6
Input to DA6021 indicating the battery charger status and fault indicator from charger IC
ILIM[1:0]
9.1.7
Output signals providing information the external connected power sources like AC adaptor, USB
DCP/CDP/ACA and USB SDP)
I2C_CLK
9.1.8
I2C clock signal from SoC to DA6021
I2C_DATA
9.1.9
I2C data connection between SoC and DA6021
IRQ
9.1.10
IRQ is an active high dedicated output signal that generates interrupts to the SOC. It is asserted when at least
one unmasked interrupt bit is set in the 1st level interrupt register. It is valid when RSMRST_B=1 (de-asserted).
The maximum latency from the IRQ detection to the assertion of the IRQ line is 1ms.
I2CM_CLK
9.1.11
I2C clock signal from DA6021 to external I2C EEPROM
I2CM_DATA
9.1.12
I2C data line between DA6021 and external I2C EEPROM
PWRBTNIN_B
9.1.13
System power button input signal, internally connected to VSYS via a 20kΩ resistor and includes a 30ms de-
bouncer from proper function avoiding detection during bouncing contacts
PWRBTN_B
9.1.14
DA6021 passes the power button input information via the PWRBTN_B output signal to the SOC. PWRBTN_B is
a level shifted copy of PWRBTNIN_B after the 30ms de-bouncer. PWRBTN_B is valid when RSMRST_B=1 (de-
asserted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com