Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 14Page - Renesas Technology Corp DA6021 Datasheet HTML 15Page - Renesas Technology Corp DA6021 Datasheet HTML 16Page - Renesas Technology Corp DA6021 Datasheet HTML 17Page - Renesas Technology Corp DA6021 Datasheet HTML 18Page - Renesas Technology Corp DA6021 Datasheet HTML 19Page - Renesas Technology Corp DA6021 Datasheet HTML 20Page - Renesas Technology Corp DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
18 of 224
www.dialog-semiconductor.com
Detailed Block Diagram
5.2
Figure 2: Detailed Block Diagram
VCC_GND
BUCK_VCC
VCC_VIN
0.5V
–1.2V
8 A
VCC_SENSEP
VCC_SENSEN
LX1
4
Φ
8
2
2
2
2
8
0.47µH
0.47µH
0.47µH
0.47µH
LX2
LX3
LX4
C
C
VNN_SENSEP
BUCK_VNN
4
Φ
VNN_VIN
8
C
VNN_GND
2
2
2
8
0.47µH
0.47µH
0.47µH
LX1
LX2
LX3
BOOST_V5P0S
5.048V
1A
V5P0S_SENSEP
V5P0S_SENSEN
V5P0S_LX
C
V5P0S_GND
2
2
0.47µH
2
V5P0S
VHDMI_VIN
VHDMI
INT_SW_VHDMI
VBUS_EN
EXT_SW_VBUS
VHOST_EN
EXT_SW_VHOST
C
C
BUBO_V2P85S
2.9V
0.55A
V2P85S_SENSEP
V2P85S_SENSEN
V2P85S_VIN
2
C
V2P85S_GND
2
2
LX1
2
LX2
2
V2P85S
V2P85SX_VIN
V2P85SX
INT_SW_V2P85SX
C
C
BUCK_VDDQ
1.24V
2.8A
VDDQ_SENSEP
VDDQ_SENSEN
VDDQ_VIN
4
C
VDDQ_GND
2
2
4
0.47µH
0.47µH
LX1
LX2
2
Φ
C
V1P2S_VIN
V1P2S
INT_SW_V1P2S/
LDO_V1P2S
C
V1P2SX
INT_SW_V1P2SX
C
BUCK_V1P05S
1.05V
0.9A
V1P05S_SENSEP
V1P05S_SENSEN
V1P05S_VIN
C
V1P05S_GND
0.47µH
LX
BUCK_V1P0A
1.01V
1.9A
V1P0A_SENSEP
V1P0A_SENSEN
V1P0A_VIN
2
C
V1P0A_GND
2
2
0.47µH
LX
C
V1P0S_EN
V1P0S_SENSE
EXT_SW_V1P0S
V1P0SX_EN
V1P0SX_SENSE
EXT_SW_V1P0SX
VDDQ_VTT_VIN
VDDQ_VTT_R
LDO_VDDQ_VTT
VDDQ_VTT_GND
VDDQ_VTT
C
C
VSYS_U_EN_B
VSYS_U_SENSE
EXT_SW_VSYS_U
VSYS_SX_EN_B
VSYS_SX_SENSE
EXT_SW_VSYS_SX
VSYS_3
VSYS_S
INT_SW_VSYS_S
2
VREF12
IREF12
Bandgap
VREF12_GND
VLP
VLP_GND
LDO_VLP (VREF)
GPIO0P0_BATIDIN
GPIO0P1_BATIDOUT
Low voltage
General Purpose
IO
GPIO0P[7:2]
GPIO0VDD
GPIO0GND
GPIO1P0_UIBTN_B
High voltage
General Purpose
IO
GPIO1P[7:1]
GPIO1VDD
GPIO1GND
6
7
BCUDISA
Burst Control Unit
BCUDISB
BCUDISCRIT
PWM[2:0]
PULSE WIDTH
MODULATION
PWMVDD
PWMGND
3
BACKLIGHT_EN
Display Pandel
Control
PANEL_EN
SYSTHERM[2:0]
BPTHERM[1:0]
ADC
BATID
VBATSENSE
3
2
VREFB
MISC
VREFT
PMICTEST
DEBUG_CS
DEBUG_SVID_DATA
DEBUG_SVID_CLK
DEBUG_SVID_ALERT_B
DEBUG_I2C_DATA
DEBUG_I2C_CLK
SUBGND
0.5V
– 1.2V
8 A
2
0.47µH
LX4
Backup Battery
Charger
VBATBKUP
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com