Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp DA6021 Datasheet HTML 37Page - Renesas Technology Corp DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp DA6021 Datasheet HTML 40Page - Renesas Technology Corp DA6021 Datasheet HTML 41Page - Renesas Technology Corp DA6021 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
38 of 224
www.dialog-semiconductor.com
10. Power Controller State Machine
Overview
10.1
The power controller state machine is the main state machine of DA6021. It is comprises a first phase related to
the power up sequence where all the condition for a safe boot are evaluated and the parameter are taken from
the OTP/EEPROM, and a second phase related to the SoC power sequence where all the power rails for the
SoC and platform are turned on according to certain sequencing rules.
The sequencer is very flexible in terms of components ordering and the intermediate delays between them.
Optionally the sequencer can wait for a certain condition, for example a breakpoint, an external programmed
trigger or waiting in a system power state like SOC_S4. In case of power-up direction, the components will be
enabled. In the power-down direction the components will be disabled.
The sequence configuration is stored in the OTP memory the contents of which are read out during the first
power up cycle. The sequencer also controls the clock request of different blocks. Refer to the Introduction
section on the power states for an overview on power up states and SoC sequencer states.
Power State Transitions
10.2
Figure 8: State Transitions
SOC_G3
(SPD)
SOC_S4
SOC_S3
SOC_S0
(Active)
SOC_SX
SYS_WAKEUP
G3
UV_EVENT
VSYS_VALID
PH_EVENT
PH_EVENT
PH_EVENT
PH_EVENT |
D2G3 = 1
D2SX = 1
D2S3 = 1
D2S4 = 1
U2S3 = 1
U2SX = 1
U2S0 = 1
OTP
EEPROM
RESET
POR = 1
OTP_DONE = 1
EEPROM_DONE = 1
POR = 0 |
SOFT_RST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com