Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 83Page - Renesas Technology Corp DA6021 Datasheet HTML 84Page - Renesas Technology Corp DA6021 Datasheet HTML 85Page - Renesas Technology Corp DA6021 Datasheet HTML 86Page - Renesas Technology Corp DA6021 Datasheet HTML 87Page - Renesas Technology Corp DA6021 Datasheet HTML 88Page - Renesas Technology Corp DA6021 Datasheet HTML 89Page - Renesas Technology Corp DA6021 Datasheet HTML 90Page - Renesas Technology Corp DA6021 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
87 of 224
www.dialog-semiconductor.com
V1P0A_CTRL.
SUSPWRDNACK
V1P0A
V1P0A_SEL
V1P0A_EN
1
0
0
Off
1
1
0
On
x
x
1
Off
Table 40: V1P0A Truth Table
11.6.3.4
V1P0A Subsystem
V1P0S:
This voltage rail powers the SoC graphic, display & DDR3 I/O, MIPI, clock and further functions. The current
requirement of this voltage rail is 410mA and requests an external switch providing this power rail to the SoC.
DA6021 provides a control signal named V1P0S_EN supplied by V5P0S.When this signal is asserted (high), the
slew rate is controlled in order to limit the inrush current drawn via the external N-channel FET. The V1P0S_EN
signal is derived from SLP_S3_B signal sent out by the SoC.
Register Name
V1P0S_CTRL
Address
0x56
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R
R/W
R/W
reserved
V1P0S_
SEL
V1P0S_EN
V1P0S_EN
0
1
V1P0S off
V1P0S on
V1P0S_SEL
0
1
V1P0S controlled by SLP_S3_B according to sequencing
V1P0S controlled by V1P0S_CTRL.V1P0S_EN bit
Regardless of V1P0S_EN and V1P0S_SEL, V1P0S_EN is low when
SLP_S3_B is asserted, means low
V1P0S_CTRL.
SLP_S3_B
V1P0S_EN
V1P0S_SEL
V1P0S_EN
1
0
1
Low
1
1
1
High
x
x
0
Low
Table 41: V1P0S_EN Truth Table
V1P0S external N-channel power switch parameters:
Rdson (Vgs=4V)
10-49mohm
Input capacitance, Ciss
700-2640pF
Output capacitance, Coss
150-530pF
Reverse transfer capacitance, Crss
85-465pF
V1P0SX:
This voltage rail powers the SoC display & DDR3 I/O, PCIe and further functions. The current requirement of this
voltage rail is 916mA and requests an external switch providing this power rail to the SoC. DA6021 provides a
control signal named V1P0SX_EN supplied by V5P0S.When this signal is asserted (high), the slew rate is
controlled in order to limit the inrush current drawn via the external N-channel FET. This signal is derived from
SLP_S0iX_B signal sent out by the SoC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com