Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 96Page - Renesas Technology Corp DA6021 Datasheet HTML 97Page - Renesas Technology Corp DA6021 Datasheet HTML 98Page - Renesas Technology Corp DA6021 Datasheet HTML 99Page - Renesas Technology Corp DA6021 Datasheet HTML 100Page - Renesas Technology Corp DA6021 Datasheet HTML 101Page - Renesas Technology Corp DA6021 Datasheet HTML 102Page - Renesas Technology Corp DA6021 Datasheet HTML 103Page - Renesas Technology Corp DA6021 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
100 of 224
www.dialog-semiconductor.com
Figure 39: VDDQ Efficiency
11.6.6.3
VDDQ Registers
Register Name
VDDQ_CTRL
Address
0x5F
Page 1
Read/Write
Reset Value
0x60
MSB
LSB
R/W
R/W
R/W
R
R
RW
R/W
R/W
VDDQ_VSEL
reserved
NoS0iX
VDDQ
_SEL
VDDQ
_EN
VDDQ_EN
0
1
VDDQ off
VDDQ on
VDDQ_SEL
0
1
VDDQ controlled by SLP_S4_B according to sequencing
VDDQ controlled by VDDQ_CTRL.VDDQ_EN bit
Regardless of VDDQ_EN and VDDQ_SEL, VDDQ is disable when
SLP_S4_B is asserted, means low
NoS0iX
0
1
VDDQ active determined by SLP_S0iX_B
VDDQ active, regardless of SLP_S0iX_B
VDDQ_VSEL
000
001
010
011
100
101
110
111
1.080V
1.140V
1.200V
1.240V nominal voltage DDR3LP
1.350V DDR3L
1.390V
1.418V
1.500V DDR3
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
Output Current [A]
VDDQ Efficiency vs. output current, Vin = 3.7V, Vout = 1.24V, Auto Mode
Vin = 3.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com