Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 97Page - Renesas Technology Corp DA6021 Datasheet HTML 98Page - Renesas Technology Corp DA6021 Datasheet HTML 99Page - Renesas Technology Corp DA6021 Datasheet HTML 100Page - Renesas Technology Corp DA6021 Datasheet HTML 101Page - Renesas Technology Corp DA6021 Datasheet HTML 102Page - Renesas Technology Corp DA6021 Datasheet HTML 103Page - Renesas Technology Corp DA6021 Datasheet HTML 104Page - Renesas Technology Corp DA6021 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
101 of 224
www.dialog-semiconductor.com
VDDQ_CTRL.
SLP_S4_B
VDDQ
VDDQ_SEL
VDDQ_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 57: VDDQ Truth Table
11.6.6.4
VDDQ Subsystems
V1P2S:
This voltage rail is used to supply mainly the MIP interface. In case of 1.24V DDR3 memory the input voltage of
this power domain is VDDQ and it acts as a power switch. For all other types of DDR3 memories the input
voltage is V1P8A and V1P2S is generated via a small LDO.
Description
Value [max, m
Ω]
Val
Input power path board resistance
20
-
Output power path board resistance
20
-
Input, output rails wirebond & internal FET RDS-ON
620
A,D,E
Table 58: V1P2S Power Switch Specification
Electrical Parameters in case of a LDO function
Symbol
Parameter
Min
Typ
Max
Unit
Notes/Condition
Val
Input requirement
Vin
Main input voltage
1.80
V
Supplied by V1P8A
-
Cin
V1P2S_IN
100
nF
-
Output requirement
Vnom
Nominal output
voltage
1.2
V
A
Vtol
Output voltage
tolerance
-2%
+2%
A
Cout
Output capacity
2.2
µF
-
Iout-DC
Output load current
1
50
mA
A
IQSC
Quiescent current
(operational)
10
µA
Iout-DC = 0mA
D,E
IQSC
Quiescent current
(sleep)
2
µA
Iout-DC = 0mA
D,E
PSRR
Power supply
rejection ratio
50
dB
Noise = 0.1Vpp, 1-
10kHz, ½ Iout-DC
D,E
Vnoise
Output noise
50
100
µVRMS 10-100kHz, ½ Iout-DC
D,E
Table 59: Electrical Parameter for V1P2S LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com