Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 56Page - Renesas Technology Corp DA6021 Datasheet HTML 57Page - Renesas Technology Corp DA6021 Datasheet HTML 58Page - Renesas Technology Corp DA6021 Datasheet HTML 59Page - Renesas Technology Corp DA6021 Datasheet HTML 60Page - Renesas Technology Corp DA6021 Datasheet HTML 61Page - Renesas Technology Corp DA6021 Datasheet HTML 62Page - Renesas Technology Corp DA6021 Datasheet HTML 63Page - Renesas Technology Corp DA6021 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
60 of 224
www.dialog-semiconductor.com
T3_V1P2S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,074
T4_V1P2S-
V1P8S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,660
T3_V1P8S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,037
T4_V1P8S-
V1P05S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,878
T3_V1P05S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,426
T4_V1P05S-
V1P0S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,533
T3_V1P0S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,574
T4_V1P0S-VCC
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,997
T3_VCC
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,196
T4_VCC-VNN
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,512
T3_VNN
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,203
T4_VNN-V5P0S
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,548
T3_V5P0S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
4,557
T2_VSYS_S
VCCAPWROK deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
2,327
T3_VSYS_S
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,003
T2_VSDIO
SLP_S3_B deassertion to OnDemand VR
starts to turn off
0,5
1,00
3,00
1,284
T3_VSDIO
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,025
T6
SLP_S3_B assertion to SLP_S4_B assertion
0
SOC
related
T7
SLP_S4_B assertion to DRAMPWROK
deassertion
0,000
0,024
26,02
0,015
T4_V5P0S-
VREFDQ0
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,601
T8
DRAMPWROK deassertion to VREFDQ0 starts
to turn off
0,000
0,024
0,032
0,005
T3_VREFDQ0
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,063
T4_VREFDQ0-
VREFDQ1
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,513
T3_VREFDQ1
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,062
T4_VREFDQ1-
VDDQ
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,535
T3_VDDQ
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,999
T4_VDDQ-
VSYS_U
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
1,027
T3_VSYS_U
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,085
T4_VSYS_U-
V3P3U
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
1,079
T3_V3P3U
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
1,024
T4_V3P3_U-
V1P8U
Rail to Subsequent Rail Turn-Off Delay
0,5
1,00
3,00
0,970
T3_V1P8U
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,329
T9
V1P8U voltage < 10% to RSMRST_B assertion
0,000
0,024
0,032
0,098
T10
RSMRST_B assertion to V3P3A starts to turn
off
0,000
0,024
0,032
0,036
T3_V3P3A
Ramp-down Time from 90% to 10%
0,5
1,00
2,00
0,951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com