Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 12Page - Renesas Technology Corp DA6021 Datasheet HTML 13Page - Renesas Technology Corp DA6021 Datasheet HTML 14Page - Renesas Technology Corp DA6021 Datasheet HTML 15Page - Renesas Technology Corp DA6021 Datasheet HTML 16Page - Renesas Technology Corp DA6021 Datasheet HTML 17Page - Renesas Technology Corp DA6021 Datasheet HTML 18Page - Renesas Technology Corp DA6021 Datasheet HTML 19Page - Renesas Technology Corp DA6021 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
16 of 224
www.dialog-semiconductor.com
4. Overview
DA6021 features:
Power sequencer & System control: DA6021 includes an ultra-flexible power sequencer
programmable via OTP during manufacturing process and modifiable via external EEPROM data. It
controls the DA6021 blocks, the power sequences, the programmed ADC sequence, interacts with
the SoC and the peripherals
Supply Sources
6 Buck Regulators
2 Buck-Boost Regulators
1 Boost Regulator
6 LDO Regulators
11 internal power rail switches
9 external power rail switches
2 Power mux switches where the supply source can be selected
Communication Interfaces
I2C (slave device) mastered from the SoC
Handshake/control signals from/towards the SoC and peripherals
SVID (slave device) mastered from the SoC, but capable of interrupt from the PMIC
I2C (master device) or EEPROM Interface, used to read EEPROM during first power up.
Input Source Power Detection: DA6021 will detect connected power sources and provide such
information towards the SoC and/or charger. VBAT, VBUS_SENSE, VDCIN_SENSE and VSYS
nodes will be permanently monitored via comparators for insertion, removal events. Furthermore
they will be measured via the GPADC in order to take decision on the boot process.
System Voltage and Temperature Measurement: it monitors the DA6021 input voltage at VSYS,
the on-die temperature as well as the battery and platform sensor temperatures. It detects over- and
under-voltage conditions. If activated, it can issue critical events.
GPADC: The GPADC is primarily for temperature and voltage measurements. It can run predefined
sequences or a single programmable one. It supports automatic and manual measurement
methods and can also run also in a standby mode at programmable long intervals.
Digital Battery Interface: 1-wire protocol agnostic digital communication between battery and SoC.
It introduces a level shifting between the SoC and the main battery
OTP & EEPROM Interface: DA6021 will read its parameters from integrated OTP during power on
reset. Optionally those OTP parameter settings can be overwritten by an external EEPROM for
back-up solution, debugging or development. Note, The
OTP can’t be overwritten and the EEPROM
can’t be programmed via the DA6021
Platform Back-up Battery Charger: DA6021 includes an autonomous charger for platform backup
batteries such as coin cells or “supercaps”.
Display control:
BCU: Battery controller unit, supervising peripherals based on system voltage
PWM: to accommodate some external functionality, DA6021 can generate up to 3 PWM signals
with programmable duty-cycle and frequency.
GPIOs: 16 general purpose I/O with alternate functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com