Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 41Page - Renesas Technology Corp DA6021 Datasheet HTML 42Page - Renesas Technology Corp DA6021 Datasheet HTML 43Page - Renesas Technology Corp DA6021 Datasheet HTML 44Page - Renesas Technology Corp DA6021 Datasheet HTML 45Page - Renesas Technology Corp DA6021 Datasheet HTML 46Page - Renesas Technology Corp DA6021 Datasheet HTML 47Page - Renesas Technology Corp DA6021 Datasheet HTML 48Page - Renesas Technology Corp DA6021 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
45 of 224
www.dialog-semiconductor.com
T2_V1P05S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,051
T3_V1P05S-
V1P8S
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,237
T2_V1P8S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,092
T3_V1P8S-
V1P2S
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,155
T2_V1P2S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,006
T3_V1P2S-
V3P3S
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,173
T2_V3P3S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,290
T3_V3P3S-
V2P285S
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,108
T2_V2P85S
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,260
T11
SLP_S3_B deassertion to SLP_S0IX_B
deassertion
0,03
SOC
related
T3_V2P85S-
VDDQ_VTT
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,260
T12
SLP_S0IX_B deassertion to first SX rail turn-on
delay
0,000
8,000
16,434
0,048
T2_VDDQ_VTT
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,006
T3_VDDQ_VTT-
V1P2SX
Rail to Subsequent Rail Turn-On Delay
0,50
1,00
2,05
0,053
T2_V1P2SX
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,0001
T3_V1P2SX-
V1P0SX
Rail to Subsequent Rail Turn-On Delay
0,10
1,00
2,05
0,017
T2_V1P0SX
Ramp-Up time from 10% to 90% voltage
0,08
1,00
2,00
0,061
T13
Core rails valid to VCCAPWEROK and
COREPWROK assertion
100
100,1
T14
COREPWROK assertion to PLTRST_B
deassertion
0,06
SOC
related
T15
MODEM_OFF_B deassertion Delay from
PLTRST_B deassertion
0,01
0,02
0,04
0,035
T16
SDWN_B deassertion Delay from PLTRST_B
deassertion
0,04
0,06
0,075
0,068
Table 18: Cold Boot Timings
As the regulators power-up times are load dependent, worst case times of 2ms are programmed. This will
guarantee that the rails have reached the target voltage. Optimization reducing the start-up time can be done
when power rail load conditions are clear or on the final product.
The delay time for “Core rails valid to VCCAPWEROK and COREPWROK assertion” is programmable by the
following register. The configuration bit for VCCAPWROK and SUSPWRDNOK are also included in the
PWRSEQCFG register (page 0), as defined below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com