Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp DA6021 Datasheet HTML 75Page - Renesas Technology Corp DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp DA6021 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
74 of 224
www.dialog-semiconductor.com
SVID Register Set
11.5.5
#
Register
Description
Access
Note
0x00
Vendor ID
The vendor ID is defined by Intel . DA6021
returns the assigned vendor ID
Read only
0x01
Product ID
Identifies the DA6021 with its specific number
Read only
0x02
Product revision
This byte is slpit into the new release code
(NRC[3:0]) in the high nibble and the minor
revision code (MRC[3:0]) in the low nibble of
this byte.
Read only
0x06
Capability
current monitoring is supported
Read only
0x10
Status_1
Data register read after the alert_B signal is
asserted. Conveying the status of the VR.
Read only
0x14
VCC/VNN Output
Current, Imon (H)
Running 1 ms averaging (analog or digital),
approximately 1 ms register update. 10 bits
ADC, store MSB & 2
nd MSB of the ADC
output onto D[1..0] on this register
Read only
VCC in VCC
registers
VNN in VNN
registers
0x15
VCC/VNN Output
Current, Imon (L)
Running 1 ms averaging (analog or digital),
approximately 1 ms register update.
10 bits ADC, store the 1
st 8 LSB of the ADC
output onto this register.
Read only
VCC in VCC
registers
VNN in VNN
registers
0x1D
V1P0A/VDDQ
Output Current,
Imon (H)
Running 1 ms averaging (analog or digital),
approximately 1ms register update, 10 bits
ADC, store MSB & 2
nd MSB of the ADC
output onto D[1..0] on this register.
Read only
V1P0A in
VCC regs
VDDQ in
VNN regs
0x1E
V1P0A/VDDQ
Output Current,
Imon (L)
Running 1 ms averaging (analog or digital),
approximately 1ms register update, 10 bits
ADC, store the 1
st 8 LSB of the ADC output
onto this register.
Read only
V1P0A in
VCC regs
VDDQ in
VNN regs
0x1F
V1P05S Output
Current, Imon (H)
Running 1 ms averaging (analog or digital),
approximately 1ms register update, 10 bits
ADC, store MSB & 2
nd MSB of the ADC
output onto D[1..0] on this register.
Read only
V1P05S in
VCC regs
0x20
V1P05S Output
Current, Imon (L)
Running 1 ms averaging (analog or digital),
approximately 1ms register update, 10 bits
ADC, store the 1
st 8 LSB of the ADC output
onto this register.
Read only
V1P05S in
VCC regs
0x26
Vboot
Data register containing Vboot voltage. VR12
VID format, 0x97 = 1.0V
Read only
0x97 equals
to 1.0V
0x2A
Slew
Slew rate control register
0x2D
VCC/VNN Imon
accuracy
Data register containing the Imon error in
percentage. Binary Coded Decimal format in
%, IE 10% = 0x0A. This data is used with the
Imon register (0x14 & 0x15).
Read only
0x2E
V1P0A/VDDQ Imon
accuracy
Data register containing the Imon error in
percentage. Binary Coded Decimal format in
%, IE 10% = 0x0A. This data is used with the
Imon register (0x1D & 0x1E)
Read only
0x2F
V1P05S Imon
accuracy
Data register containing the Imon error in
percentage. Binary Coded Decimal format in
%, IE 10% = 0x0A. This data is used with the
Imon register (0x1F & 0x20)
Read only
0x30
Vout max
This register is programmable by the master
and sets the maximum VID the VR will
support. If a higher VID code is received, the
VR should respond with “Reject, not
Read/write
0xD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com