Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 59Page - Renesas Technology Corp DA6021 Datasheet HTML 60Page - Renesas Technology Corp DA6021 Datasheet HTML 61Page - Renesas Technology Corp DA6021 Datasheet HTML 62Page - Renesas Technology Corp DA6021 Datasheet HTML 63Page - Renesas Technology Corp DA6021 Datasheet HTML 64Page - Renesas Technology Corp DA6021 Datasheet HTML 65Page - Renesas Technology Corp DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
63 of 224
www.dialog-semiconductor.com
Figure 20: Catastrophic Event (except VSYSOVP) Shutdown Sequence
Parameter
Description
Min
Typ
[µs]
Max
VAL
T2
SDWN_B assertion to shutdown all VRs and
DA6021 output signals
-10%
90
+10%
D,E
Table 23: Catastrophic Event (except VSYSOVP) Shutdown Sequence
Figure 21: VSYSOVP Shutdown Sequence
Parameter
Description
Min
[µs]
Typ
[µs]
Max
[µs]
VAL
T0
VSYSOVP debounce time
90
100
110
D,E
Table 24: VSYSOVP Shutdown Timing
MODEM_OFF_B
T2
DA6021 output
signals to SOC
SDWN_B
VLP
VRs
Ctatastrophic event
MODEM_OFF_B
T0
DA6021 output
signals to SOC
SDWN_B
VLP
VRs
VSYS > 5.4V
VSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com