Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp DA6021 Datasheet HTML 69Page - Renesas Technology Corp DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
70 of 224
www.dialog-semiconductor.com
NOTES:
1. V1P0S refers to instantaneous voltage at V1P0S_FB location.
2. Measured at 0.31 * V1P0S.
3. VIN between 0V and V1P0S.
4. CPAD includes die capacitance only. No package parasitic included.
Figure 23: Definition of VHYS
Symbol
Parameter
Min
Typ
Max
Units
Notes
Val
Vmax
VDS max open drain
buffer to accommodate
bus ringing
-1.00
3.30
V
-
SR Fall
Data/Alert
1.20
3.50
V/ns
Load:
Rpu=64.9
Ω
A
SR Rise
Data/Alert
1.20
3.50
V/ns
Load:
Rpu=64.9
Ω
A
Table 32: SVID buffer AC Electrical Parameters
Slew Rate (SR) is measured between 0.7*V1P0S and 0.3*V1P0S. SR is measured at the output of the buffer;
Rpu is connected to V1P0S as a load with no additional capacitance on the board. The slew rate is defined with
VR buffer capacitance only.
VCLK Timing Parameters
11.5.2
Symbol
Parameter
Min
Typ
Max
Units
Notes
Val
VCLK frequency
13.3
25
26.25
MHz
1,4
A
Thigh
VCLK high time
-10%
+10%
% of 0.5
Tperiod
2,4
D
Tlow
VCLK low time
-10%
+10%
% of 0.5
Tperiod
2,4
D
Trise
VCLK rise time @VR
Pad
0.25
3.0
ns
3
A
Tfall
VCLK fall time @VR
Pad
0.25
3.0
ns
3
A
Duty cycle
45
55
%
1,4
E,D
Table 33: VCLK AC Timing Parameters
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com