Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 63Page - Renesas Technology Corp DA6021 Datasheet HTML 64Page - Renesas Technology Corp DA6021 Datasheet HTML 65Page - Renesas Technology Corp DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp DA6021 Datasheet HTML 69Page - Renesas Technology Corp DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
67 of 224
www.dialog-semiconductor.com
SD/LDO_V1P2S
V1P2S
VDDQ/V1P8
34mA
Function between switching
device (SD) and LDO can be
selected via device order
code. SD can be used with
DDR3 LP memory for all other
types of memories the LDO
solution is proposed
SD_V1P2SX
V1P2SX
VDDQ/V1P8
155mA
Switching device to generate
V1P2SX. In case of DDR3 L
memory this voltage will be
1.35V
SD_VUSBPHY
VUSBPHY
VSYS/V3P3_A
40mA
Switching device supplying
the USBPHY with 3.3V. If
V3P3A is switched off
VUSBPHY is supplied by
VSYS
SD_VSDIO
VSDIO
V1P8A/V3P3A
400mA/20
0mA
Switching device supplying
the SDIO interface. Output
voltage is controlled by digital
input signals from SoC
SD_V1P8S
V1P8S
V1P8A
144mA
DA6021 internal switching
device supplied by V1P8A
SD_V1P8SX
V1P8SX
V1P8A
240mA
DA6021 internal switching
device supplied by V1P8A
SD_V2P85SX
V2P85SX
V2P85S
250mA
DA6021 internal switching
device supplied by V2P85S
SD_VHDMI
VHDMI
V5P0S
55mA
DA6021 internal switching
device supplied by V5P0S
SD_VSYS_S
VSYS_S
VSYS
10mA
DA6021 internal switching
device supplied by VSYS
EFS_VSYSU
VSYSU
VSYS
2750mA
External p-channel FET
switched power domain
supplied by VSYS
EFS_VSYS_SX
VSYS_SX
VSYS
2500mA
External p-channel FET
switched power domain
supplied by VSYS
EFS_V3P3U
V3P3U
V3P3A
700mA
External p-channel FET
switched power domain
supplied by V3P3A
EFS_V3P3S
V3P3S
V3P3A
584mA
External p-channel FET
switched power domain
supplied by V3P3A
EFS_V1P8U
V1P8U
V1P8A
355mA
External p-channel FET
switched power domain
supplied by V1P8A
EFS_V1P0S
V1P0S
V1P0A
410mA
External n-channel FET
switched power domain
supplied by V1P0A
EFS_V1P0SX
V1P0SX
V1P0A
916mA
External n-channel FET
switched power domain
supplied by V1P0A
EFS_VHOST
VHOST
V5P0S
900mA
External switched power
domain supplied by V5P0S
EFS_VBUS
VBUS
V5P0S
900mA
External switched power
domain supplied by V5P0S
Table 27: Power Domains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com