Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
31 of 224
www.dialog-semiconductor.com
once the VSYS increases and reaches the 2.375V, point C. In this case the digital core will no longer be in a
reset condition and can read the OTP content.
In this case the device again in G3 is waiting for the VSYS to become valid, VSYS > VSYSREF = 3.0. DA6021
will go then to SOC_G3 state waiting for wakeup condition to be met. In order to have valid VSYS de-bouncing
of 100ms will be needed. The monitor of the system voltage will be done via ADC once the system is in SOC_S0
state or active state.
VSYS voltage and events generated:
Figure 5: VSYS Areas
Event Trigger
Conditions (all
mandatory)
Next state
Note
Main Battery Insertion
VSYS > VMIN
SOC_G3
VLP ramps when VSYS input
power becomes sufficient high
I2C Register map is reset to
default settings
Main Battery becomes valid
USV or AC/DC Adapter Insertion
Table 6 : G3 State Transition
Event Trigger
Conditions (all
mandatory)
Next state
Note
Input power Source removal and
Main Battery Removal/Depletion
VSYS < VMIN
VBATBKUP>VMIN
G3
DA6021 loses states, except
RTC powered registers
Restart with default values
except RTC powered registers
VSYS < VMIN
VBATBKUP<VMIN
DA6021 loses states, RTC
powered registers loses states
Re-start with default values
See event and conditions in Cold Boot Triggers
SOC_S4
DA6021 transitions to
SOC_S4 to start cold boot
sequence based on SOC
handshake
Table 7: SOC_G3 State Transition
VSYS
2.0V
2.375V
2.7V
3.0V
5.5V
POR_PMIC
5.6V
POR comparators
Programmable
Via OTP
VSYS Valid
Over Voltage
F
E
D
C
B
A
VSYS Under
Voltage
RESET
OTP/
EEPROM/
G3
SOC_G3, SOC_S*
G3
SOC_G3,
SOC_S*
SOC_G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com