Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp DA6021 Datasheet HTML 37Page - Renesas Technology Corp DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp DA6021 Datasheet HTML 40Page - Renesas Technology Corp DA6021 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
37 of 224
www.dialog-semiconductor.com
Register File and Address Range
9.4
There are 5 register blocks, one for VNN, one for VCC, one for test purpose, one for Intel and another block
controlling the power sequence. These blocks can either be accessed via the SVID or I2C interface, via OTP or
the external EEPROM, see picture blow.
Figure 7: Address Range and Pages
The power sequence is located in the page 0 of the register map and shall not be modified by customer. It is
highly recommended not to modify any register in page 0 as this may damage the system. Please contact Dialog
Semiconductor if you need changes in the sequencing. Such updates can be made in 2 ways, via new OTP,
This would mean producing a new DA6021 variant, or via an external EEPROM.
Page 1 includes all the registers to control the ADC functions, GPIO’s, PWM controller, controllable voltage
domains and further functions described in the document below.
Page 2 and 3 include the SVID functions for the core and the graphics regulators.
Page 4 is an internal register block for DA6021 internal test functions.
Slave ID versus DA6021 Pages
9.4.1
Each page can be accessed via the I2C interface while using a certain slave ID to address the corresponding
I2C slave. The table below shows the relation between slave ID and page to be accessed:
PAGE Accessed
SLAVE_ID
Read
Address
Write
Address
Page 1
0x6E
0xDD
0xDC
Page 2
– SVID
0x5C
0xB9
0xB8
Page 3
– SVID
0x6C
0xD9
0xD8
Table 14: Slave ID versus DA6021 Storage Page
PAGE 4
TEST
PAGE 0
(OTP)
0x00
0xFF
0x4FF
OTP
CTTL
EEPROM
I2C
Slave
PAGE 2
(VCC)
0x000
0x0FF
SVID
Slave
0x000
0x200
0x3FF
PAGE 3
(VNN)
0x100
0x1FF
PAGE 1
INTEL
0x1FF
0xFF
0x100
0x400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com