Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp DA6021 Datasheet HTML 75Page - Renesas Technology Corp DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp DA6021 Datasheet HTML 78Page - Renesas Technology Corp DA6021 Datasheet HTML 79Page - Renesas Technology Corp DA6021 Datasheet HTML 80Page - Renesas Technology Corp DA6021 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
77 of 224
www.dialog-semiconductor.com
Register Name
SLEW
Address
0x2A
Page 2/3
Read/Write
Reset Value
0x10
MSB
LSB
R
R
R/W
R/W
R
R
R
R/W
Reserved
SetVID_Fast
Reserved
SetVID_
Slow
SetVID_Slow
0
1
2.5mV/µs
5mV/µs
SetVID_Fast
00
01
10
11
10mV/µs
20mV/µs
40mV/µs
reserved
Register Name
Vout_Max
Address
0x30
Page 2/3
Read/Write
Reset Value 0xD3
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SVID Max[7:0]
SVID Max[7:0]
0..255
Defines the maximum allowed VID voltage. VID values above this
threshold won’t be accepted and a message “rejected, not
supported” will be sent out
Register Name
VID_Setting
Address
0x31
Page 2/3
Read/Write
Reset Value
0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
VID setting[7:0]
VID setting[7:0]
0..255
Defines the output voltage according to the VID coding
Register Name
PWR_State
Address
0x32
Page 2/3
Read/Write
Reset Value 0x00
MSB
LSB
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
VID setting[7:0]
PWR state[7:0]
0..3
0x00
normal mode
0x01
light load
0x02
very light load
0x03
ultra light mode
0x04 .. 0xFF
not supported, error message is sent out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com