Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp DA6021 Datasheet HTML 37Page - Renesas Technology Corp DA6021 Datasheet HTML 38Page - Renesas Technology Corp DA6021 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
35 of 224
www.dialog-semiconductor.com
SOC S4 State
9.3.4
The entering and exiting of each the SOC S4 state is controlled by a signal which is delivered to the PMIC by the
SOC via a dedicated physical pin SLP_S4_B. The exiting of SLP_S4_B is also gated by BATLOW_B.
Rails that are on:
o
They are shown in the power sequencing diagrams
o
VRs shall be placed in PFM/power save mode
o
Internal PMIC rails
Interfaces available:
o
SVID is OFF in S4
o
I2C is OFF in S4
Input source comparators and interrupts active.
All registers powered, with states retained.
Thermal monitoring and VR current measurements are disabled by default. If enabled, the measurements
are taken at standby frequency.
The events causing a transition out of the ‘SOC S4’ state are shown in the table below.
Event Trigger
Conditions (all
mandatory)
Next state
Note
Input power Source removal and
Main Battery Removal/Depletion
VSYS < VMIN
VBATBKUP>VMIN
G3
DA6021 loses states, except
RTC powered registers
Restart with default values
except RTC powered registers
VSYS < VMIN
VBATBKUP<VMIN
DA6021 loses states, RTC
powered registers loses states
Re-start with default values
See event and conditions in Cold off Triggers
SOC_G3
See “Cold Off Triggers”
Power Button Held
Power Button held time
< PBCONFIG
.FCOT[3:0]
If exit S4 to SOC_S3,
BATLOW_B=1
SOC_S3
DA6021 passes PWRBTN_B
information to SoC. SoC
toggles first SLP_S4_B=1 to
exit S4 state, then
SLP_S3_B=1 to exit S3 state
followed by SLP_S0iX_B = 1
to exit S0iX
SLP_S3_B
SLP_S4_B =1
BATLOW_B=1
SOC_S3
Exit S4 state
SLP_S4_B
SLP_S4_B=0
SUSPWRDNACK=1
SUSPWRDNACKCFG=1
SOC_G3
SOC can toggle
SUSPWRDNACK to 1 when
SLP_S4_B=0 to enter
SOC_G3 state
Table 11: SOC S4 State Transition
Truth Table of Sleep Signals and DA6021 Final Power States
9.3.5
SUSPWDNA
CK
SUSPWRDN
ACKCFG
SLP_S4_B
SLP_S3_B
SLP_S0iX_B
Final Power
State
Comment
1
1
0
x
x
SOC_G3
Note 5
0
X
0
X
X
SOC_S4
Note 5
X
0
0
X
X
SOC_S4
Note 5
X
X
1
0
X
SOC_S3
Note 6
X
X
1
1
0
SOC_S0iX
Note 7
X
X
1
1
1
SOC_S0
Note 7
Table 12: Truth Table of Sleep Signals and DA6021 Final Power States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com