Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 90Page - Renesas Technology Corp DA6021 Datasheet HTML 91Page - Renesas Technology Corp DA6021 Datasheet HTML 92Page - Renesas Technology Corp DA6021 Datasheet HTML 93Page - Renesas Technology Corp DA6021 Datasheet HTML 94Page - Renesas Technology Corp DA6021 Datasheet HTML 95Page - Renesas Technology Corp DA6021 Datasheet HTML 96Page - Renesas Technology Corp DA6021 Datasheet HTML 97Page - Renesas Technology Corp DA6021 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
94 of 224
www.dialog-semiconductor.com
11.6.5.3
V1P8A Registers
Register Name
V1P8A_CTRL
Address
0x5A
Page 1
Read/Write
Reset Value
0x60
MSB
LSB
R/W
R/W
R/W
R
R
R/W
R/W
R/W
V1P8A_VSEL
reserved
NoS0iX
V1P8A
_SEL
V1P8A
_EN
V1P8A_EN
0
1
V1P8A off
V1P8A on
V1P8A_SEL
0
1
V1P8A controlled by SUSPWRDNACK according to sequencing
V1P8A controlled by V1P8A_CTRL.V1P8A_EN bit
Regardless of V1P8_EN and V1P8A_SEL, V1P8A is disabled when
SUSPWRDNACK is de-asserted, means high
NoS0iX
0
1
V1P8A active determined by SLP_S0iX_B
V1P8A active regardless of SLP_S0iX_B
V1P8A_VSEL
000
001
010
011
100
101
110
111
1.620V
1.710V
1.800V
1.817V nominal voltage
1.836V
1.854V
1.890V
1.980V
V1P8A_CTRL.
SUSPWRDNACK
V1P8A
V1P8A_SEL
V1P8A_EN
1
0
0
Off
1
1
0
On
x
x
1
Off
Table 48: V1P8A Truth Table
11.6.5.4
V1P8A Subsystems
V1P8U:
This power rail is primarily to supply LPDDR2 or LPDDR3 RAMs. DA6021 provides a control signal
V1P8U_EN_B supplied by VSYS and derived from SLP_S4_B sent out by the SoC. When V1P8U_EN_B is
asserted low, the signal slew rate is controlled to limit the inrush current when the external P-channel FET is
turned on. The current of this power rail is maximum 355mA
Register Name
V1P8U_CTRL
Address
0x5B
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V1P8U_
SEL
V1P8U_EN
V1P8U_EN
0
1
V1P8U off
V1P8U on
V1P8U_SEL
0
1
V1P8U controlled by SLP_S4_B according to sequencing
V1P8U controlled by V1P8U_CTRL.V1P8U_EN bit
Regardless of V1P8U_EN and V1P8U_SEL, V1P8U_EN_B is high
when SLP_S4_B is asserted, means low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com