Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 48Page - Renesas Technology Corp DA6021 Datasheet HTML 49Page - Renesas Technology Corp DA6021 Datasheet HTML 50Page - Renesas Technology Corp DA6021 Datasheet HTML 51Page - Renesas Technology Corp DA6021 Datasheet HTML 52Page - Renesas Technology Corp DA6021 Datasheet HTML 53Page - Renesas Technology Corp DA6021 Datasheet HTML 54Page - Renesas Technology Corp DA6021 Datasheet HTML 55Page - Renesas Technology Corp DA6021 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
52 of 224
www.dialog-semiconductor.com
Parameter
Description
Min
[ms]
Typ
[ms]
Max
[ms]
Measured
[ms]
T0
SLP_S0IX_B deassertion to first SX rail turn-on
delay
0,000
0,008
0,016
0,006
T1_V1P05S
Ramp-Up time from 10% to 90%
0,04
0,08
0,16
0,033
T2_V1P05S-
VDDQ_VTT
Rail to Subsequent Rail Turn-On Delay
0,00
0,05
0,10
0,028
T1_VDDQ_VTT
Ramp-Up time from 10% to 90%
0,04
0,08
0,16
0,007
T2_VDDQ_VTT-
V1P2SX
Rail to Subsequent Rail Turn-On Delay
0,00
0,05
0,10
0,053
T1_V1P2SX
Ramp-Up time from 10% to 90%
0,04
0,08
0,16
0,0001
T2_V1P2SX-
V1P0SX
Rail to Subsequent Rail Turn-On Delay
0,00
0,05
0,10
0,017
T1_V1P0SX
Ramp-Up time from 10% to 90%
0,04
0,08
0,16
0,062
T3
Total S0IX exit latency: from SLP_S0IX_B de-
assertion to all VRs up
0,200
0,169
T4
Time from All VRs are valid to VCCAPWEROK
assertion
0,000
0,008
0,016
0,013
Table 20: Exit S0iX timing
Enter SOC S3 Mode
10.3.5
The S3 state is entered when the SOC asserts the SLP_S3_B pin (LOW). VRs that remain on enter into power
saving mode.
The rail sequencing is shown in the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com