Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 72Page - Renesas Technology Corp DA6021 Datasheet HTML 73Page - Renesas Technology Corp DA6021 Datasheet HTML 74Page - Renesas Technology Corp DA6021 Datasheet HTML 75Page - Renesas Technology Corp DA6021 Datasheet HTML 76Page - Renesas Technology Corp DA6021 Datasheet HTML 77Page - Renesas Technology Corp DA6021 Datasheet HTML 78Page - Renesas Technology Corp DA6021 Datasheet HTML 79Page - Renesas Technology Corp DA6021 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
76 of 224
www.dialog-semiconductor.com
Register Name
PRODUCT_REV
Address
0x02
Page 2/3
Read
0x00
MSB
LSB
R
R
R
R
R
R
R
R
ProductRev[7:0]
ProductRev[7:0]
0
Identifies the VR stepping
Register Name
CAPABILITY
Address
0x06
Page 2/3
Read
Reset Value
0x01
MSB
LSB
R
R
R
R
R
R
R
R
Capability[7:0]
Capability[7:0]
0
1
Current monitoring not supported
Current monitoring supported
ICCmax alert is issued from DA6021 to the SOC via the ALERT_B line of the SVID interface if the output current
of VCC or VNN is considered to exceed the Imax threshold.When VCC and VNN are active,DA6021 measures
and averages the output current and compares it with the alert threshold which is programmed to approximately
10% above Imax. This ensures proper operating and avoids invalid alerts due to process tolerances.
Register Name
STATUS1
Address
0x10
Page 2/3
Read
Reset
Value
0x00
MSB
LSB
R
R
R
R
R
R
R
R
Reserved
ICCmax
Alert
Thermal
Alert
VR settled
VR settled
0
1
VR is ramping
VR is at target voltage
Thermal Alert
0
1
Temperature ok
Over-temperature detected
ICCmax Alert
0
1
Normal current range, ICC < Imax (1ms averaging)
Over-current detected, Imax
≤ ICC ≤ 1.3*Imax (1ms averaging)
Register Name
VBOOT
Address
0x26
Page 2/3
Read
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R
R
R
VBOOT[7:0]
VBOOT[7:0]
0..255
Defines the boot voltage VID, initial 0x97 = 1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com